Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2163 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2163
Description  16-Bit, 125/105/80Msps Low Power ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2163 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2163_15 Datasheet HTML 3Page - Linear Technology LTC2163_15 Datasheet HTML 4Page - Linear Technology LTC2163_15 Datasheet HTML 5Page - Linear Technology LTC2163_15 Datasheet HTML 6Page - Linear Technology LTC2163_15 Datasheet HTML 7Page - Linear Technology LTC2163_15 Datasheet HTML 8Page - Linear Technology LTC2163_15 Datasheet HTML 9Page - Linear Technology LTC2163_15 Datasheet HTML 10Page - Linear Technology LTC2163_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2165/LTC2164/LTC2163
7
216543f
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTC2165
LTC2164
LTC2163
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
PDISS
Power Dissipation
Sine Wave Input, 1.75mA Mode
Sine Wave Input, 3.5mA Mode
l
241
279
314
209
247
278
151
189
213
mW
mW
All Output Modes
PSLEEP
Sleep Mode Power
1
1
1
mW
PNAP
Nap Mode Power
10
10
10
mW
PDIFFCLK Power Increase with Differential Encode Mode Enabled
(No Increase for Nap or Sleep Modes)
20
20
20
mW
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
TiMing characTerisTics
SYMBOL PARAMETER
CONDITIONS
LTC2165
LTC2164
LTC2163
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Note 10)
l
1
125
1
105
1
80
MHz
tL
ENC Low Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
500
500
4.52
2
4.76
4.76
500
500
5.93
2
6.25
6.25
500
500
ns
ns
tH
ENC High Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
500
500
4.52
2
4.76
4.76
500
500
5.93
2
6.25
6.25
500
500
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
0
0
0
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL DATA OUTPUTS (CMOS MODES: FULL DATA RATE AND DOUBLE DATA RATE)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.7
3.1
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.4
2.6
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
Full Data Rate Mode
Double Data Rate Mode
6
6.5
Cycles
Cycles
DIGITAL DATA OUTPUTS (LVDS MODE)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.8
3.2
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.5
2.7
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
6.5
Cycles
SPI PORT TIMING (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Setup Time
l
5
ns
tH
SCK to CS Setup Time
l
5
ns
tDS
SDI Setup Time
l
5
ns
tDH
SDI Hold Time
l
5
ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns


Similar Part No. - LTC2163_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2163 LINER-LTC2163 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2163_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2164 LINER-LTC2164_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2183 LINER-LTC2183_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185 Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2193 LINER-LTC2193_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2184 LINER-LTC2184_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2194 LINER-LTC2194_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2195 LINER-LTC2195_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com