Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2163 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2163
Description  16-Bit, 125/105/80Msps Low Power ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2163 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2163_15 Datasheet HTML 7Page - Linear Technology LTC2163_15 Datasheet HTML 8Page - Linear Technology LTC2163_15 Datasheet HTML 9Page - Linear Technology LTC2163_15 Datasheet HTML 10Page - Linear Technology LTC2163_15 Datasheet HTML 11Page - Linear Technology LTC2163_15 Datasheet HTML 12Page - Linear Technology LTC2163_15 Datasheet HTML 13Page - Linear Technology LTC2163_15 Datasheet HTML 14Page - Linear Technology LTC2163_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC2165/LTC2164/LTC2163
11
216543f
LTC2165 Integral
Non-Linearity (INL)
LTC2165 Differential
Non-Linearity (DNL)
LTC2165 64k Point FFT,
fIN = 5MHz, –1dBFS, 125Msps
Typical perForMance characTerisTics
LTC2165 64k Point 2-Tone FFT,
fIN = 70MHz, 69MHz, –7dBFS,
125Msps
LTC2165 Shorted Input Histogram
LTC2165 SNR vs Input Frequency,
–1dBFS, 2V Range, 125Msps
LTC2165 64k Point FFT,
fIN = 30MHz, –1dBFS, 125Msps
LTC2165 64k Point FFT,
fIN = 70MHz, –1dBFS, 125Msps
LTC2165 64k Point FFT,
fIN = 140MHz, –1dBFS, 125Msps
OUTPUT CODE
0
–4.0
–3.0
–2.0
–1.0
0
1.0
4.0
3.0
2.0
16384
32768
49152
65536
2165 G01
OUTPUT CODE
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
2165 G02
0
16384
32768
49152
65536
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
2165 G03
0
10
20
30
40
50
60
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
2165 G04
10
20
30
40
50
60
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
2165 G05
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
2165 G06
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
2165 G07
OUTPUT CODE
32750
1000
0
3000
2000
4000
5000
10000
9000
8000
7000
6000
32756
32762
32768
32774
2165 G08
INPUT FREQUENCY (MHz)
0
72
71
70
78
77
76
75
74
73
50
100
150
200
250
300
2165 G09
SINGLE-ENDED
ENCODE
DIFFERENTIAL
ENCODE


Similar Part No. - LTC2163_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2163 LINER-LTC2163 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2163_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2165 LINER-LTC2165_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2164 LINER-LTC2164_15 Datasheet
673Kb / 36P
   16-Bit, 125/105/80Msps Low Power ADCs
LTC2183 LINER-LTC2183_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2185 LINER-LTC2185 Datasheet
805Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2193 LINER-LTC2193_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2184 LINER-LTC2184_15 Datasheet
809Kb / 36P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2194 LINER-LTC2194_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2195 LINER-LTC2195_15 Datasheet
903Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com