Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG138GV Datasheet(PDF) 3 Page - NEC

Part # UPG138GV
Description  L-BAND SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG138GV Datasheet(HTML) 3 Page - NEC

  UPG138GV Datasheet HTML 1Page - NEC UPG138GV Datasheet HTML 2Page - NEC UPG138GV Datasheet HTML 3Page - NEC UPG138GV Datasheet HTML 4Page - NEC UPG138GV Datasheet HTML 5Page - NEC UPG138GV Datasheet HTML 6Page - NEC UPG138GV Datasheet HTML 7Page - NEC UPG138GV Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PPPPPG138GV
[
PPPPPG138GV]
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control Voltage (ON)
VCONT
ð0.2
0
+0.2
V
Control Voltage (OFF)
VCONT
ð5.3
ð3.0
ð2.7
V
Input Power (VCONT =
ð5 V)
Pin
+35
dBm
Input Power (VCONT =
ð3 V)
Pin
+33
dBm
ELECTRICAL CHARACTERISTICS
(UNLESS OTHERWISE SPECIFIED TA = 25
qqqqC, VCONT = ðððð3 V/0 V, f = 100 MHz to 1 GHz)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Insertion Loss 1
LINS1
0.55
0.75
dB
Insertion Loss 2
LINS2
f = 2.0 GHz
0.65
0.90
dB
Insertion Loss 3
LINS3
f = 2.5 GHz
0.8
Note 1
dB
Isolation 1
ISL1
25
30
dB
Isolation 2
ISL2
f = 2.0 GHz
18
20
dB
Input Return Loss
RLin
f = 100 M to 2 GHz
11
dB
Output Return Loss
RLout
11
dB
Input Power at 1 dB
Pin (1 dB)
f = 500 M to 2 GHz
+32
+34
dBm
Compression Point
Note 2
f = 500 M to 2 GHz,
VCONT =
ð5 V/0 V
+34
+38
dBm
Switching Speed
tSW
10
ns
Control Current
ICONT
VCONT =
ð5 V/0 V
5
PA
Notes 1. Characteristic for reference at 2.0 to 2.5 GHz.
2. Pin (1 dB) is measured the input power level when the insertion loss increase more 1 dB than that of
linear range.
All other characteristics are measured in linear range.
NOTE ON CORRECT USE
Insertion loss and isolation of the IN-OUT2 is better than that of IN-OUT1, because No. 7 pin (OUT1) is placed to
same side of No. 5 pin (IN).
The distance between IC’s GND pins and ground pattarn of substrate should be as shorter as possible to avoid
parasitic parameters.


Similar Part No. - UPG138GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG138GV NEC-UPG138GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPG138GV NEC-UPG138GV Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
logo
Renesas Technology Corp
UPG138GV RENESAS-UPG138GV Datasheet
201Kb / 10P
   GaAs INTEGRATED CIRCUIT
1996
logo
NEC
UPG138GV-E1 NEC-UPG138GV-E1 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
More results

Similar Description - UPG138GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com