Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2207-14 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 4 Page - Linear Technology

  LTC2207-14_15 Datasheet HTML 1Page - Linear Technology LTC2207-14_15 Datasheet HTML 2Page - Linear Technology LTC2207-14_15 Datasheet HTML 3Page - Linear Technology LTC2207-14_15 Datasheet HTML 4Page - Linear Technology LTC2207-14_15 Datasheet HTML 5Page - Linear Technology LTC2207-14_15 Datasheet HTML 6Page - Linear Technology LTC2207-14_15 Datasheet HTML 7Page - Linear Technology LTC2207-14_15 Datasheet HTML 8Page - Linear Technology LTC2207-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2207-14/LTC2206-14
4
220714614fc
SYMBOL PARAMETER
CONDITIONS
MIN
LTC2206-14
TYP
MAX
MIN
LTC2207-14
TYP
MAX UNITS
SFDR
Spurious Free
Dynamic Range
4th Harmonic
or Higher
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
l
86.5
95
97
86.5
95
97
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
89
93
89
93
dBc
dBc
S/(N+D) Signal-to-Noise
Plus Distortion Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77
74.9
77
74.9
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0), TA = 25ºC
15MHz Input (2.25V Range, PGA = 0
15MHz Input (1.5V Range, PGA = 1)
l
75.9
75.7
77.1
77.1
75.3
75.9
75.7
77.1
77.1
75.3
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
76.7
75
76.7
75
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1), TA = 25ºC
140MHz Input (1.5V Range, PGA = 1)
l
72.7
72.5
74.8
74.5
74.5
72.7
72.5
74.8
74.5
74.5
dBFS
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
74.1
73.7
74.4
73.7
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “OFF”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
97
97
97
97
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
96
96
96
96
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “ON”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
108
108
108
108
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
95
107
107
95
107
107
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
107
107
107
107
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
102
102
102
102
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
DYNAMIC ACCURACY


Similar Part No. - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com