Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF5020 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # PF5020
Description  50A AVALANCHE 1/2??PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PF5020 Datasheet(HTML) 2 Page - Won-Top Electronics

  PF5020_14 Datasheet HTML 1Page - Won-Top Electronics PF5020_14 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
PF5020, PF5024, PF5036
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PF5020
DO-21 Press-Fit
120 Units/Box
PF5024
DO-21 Press-Fit
120 Units/Box
PF5036
DO-21 Press-Fit
120 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PF5020-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - PF5020_14

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
   50A AVALANCHE 1/2 PRESS-FIT DIODE
logo
NXP Semiconductors
PF5020 NXP-PF5020 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PF5020 NXP-PF5020 Datasheet
1Mb / 106P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
More results

Similar Description - PF5020_14

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
   50A AVALANCHE 1/2 PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
   50A 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
   50A 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
   50A 1/2 PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
   35A AVALANCHE 1/2 PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
BD5020 WTE-BD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com