Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA34 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA34
Description  100 TO 2000 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA34 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA34 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH GAIN - TWO STAGES: 16 dB (TYP.)
· ULTRALOW PHASE DEVIATION
FROM LINEARITY: <±° ; 500-200 MHz
· LOW VSWR: < 1.5:1 (TYP.)
· MEDIUM LEVEL OUTPUT: +7 dBm (TYP.)
A34/SMA34
100 TO 2000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-2.1 GHz
16.0 dB
±0.5 dB
30 dB
5.5 dB
7.0 dBm
+18 dBm
+42 dBm
+46 dBm
1.5:1 / 1.5:1
35 mA
0.1-2.0 GHz
15.0 dB
±0.7 dB
5.0 dBm
6.5 dB
6.0 dBm
2.0:1 / 2.0:1
41 mA
1.9:1 / 1.9:1
39 mA
0.1-2.0 GHz
14.0 dB
±1.0 dB
7.0 dB
-62° to +125°C
125°C
+20 Volts
+10 dBm
50 mW
0.5 W
125°C
160°C/W
0.178 W
28°C
A34
SMA34
CA34


Similar Part No. - SMA34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA34 MACOM-SMA34 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
638Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - SMA34

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A32 MACOM-A32_1 Datasheet
368Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com