Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF5024 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PF5024
Description  50A AVALANCHE 1/2??PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PF5024 Datasheet(HTML) 1 Page - Won-Top Electronics

  PF5024 Datasheet HTML 1Page - Won-Top Electronics PF5024 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
A
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 200nA
Mechanical Data
Case: DO-21, Copper Case and Components
C
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
Polarity: Cathode to Case (Reverse Units Are
F
Available Upon Request and Are Designated
By A “R” Suffix, i.e. PF5020R or PF5024R)
Polarity: Red Color Equals Standard,
D
Black Color Equals Reverse Polarity
E
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
B
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PF5020
PF5024
PF5036
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
16
20
32
V
Average Rectified Output Current
@TC = 150°C
IO
50
A
Breakdown Voltage Min.
@IR = 100mA
Breakdown Voltage Max.
@IR = 100mA
VBR
20
26
24
32
36
42
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
500
A
Forward Voltage
@IF = 50A
VFM
1.0
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
200
nA
Typical Junction Capacitance (Note 1)
CJ
400
pF
Typical Thermal Resistance (Note 2)
RθJC
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
PF5020, PF5024, PF5036
50A AVALANCHE 1/2” PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
DO-21
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
1.25
1.31
D
9.55
9.85
E
5.70
5.90
F
28.00
All Dimensions in mm


Similar Part No. - PF5024

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5024 WTE-PF5024 Datasheet
29Kb / 2P
   50A AVALANCHE 1/2 PRESS-FIT DIODE
logo
NXP Semiconductors
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PF5024 NXP-PF5024 Datasheet
1Mb / 95P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
PF5024 NXP-PF5024_V01 Datasheet
1Mb / 95P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 3.2 - 5 March 2024
More results

Similar Description - PF5024

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
   50A AVALANCHE 1/2 PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
   50A 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
   50A 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
   50A 1/2 PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
   35A AVALANCHE 1/2 PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
BD5020 WTE-BD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com