Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA35 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA35
Description  10 TO 2000 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA35 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA35 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
· WIDE POWER SUPPLY RANGE:
+8 TO +20 VOLTS
A35/SMA35
10 TO 2000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-2.1 GHz
10.0 dB
±0.3 dB
16 dB
5.0 dB
9.0 dBm
+21 dBm
+33 dBm
+38 dBm
1.5:1 / 1.5:1
24 mA
0.0-2.0 GHz
9.0 dB
±0.6 dB
6.5 dBm
6.5 dB
7.0 dBm
2.2:1 / 2.2:1
29 mA
2.0:1 / 2.0:1
27 mA
0.0-2.0 GHz
8.5 dB
±0.8 dB
7.0 dB
-62° to +125°C
125°C
+21 Volts
+13 dBm
50 mW
0.5 W
125°C
169°C/W
0.189 W
32°C
A35
SMA35
CA35


Similar Part No. - SMA35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA35 MACOM-SMA35 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA35 MA-COM-SMA35 Datasheet
640Kb / 3P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
SMA35-1 MACOM-SMA35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results

Similar Description - SMA35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA33 MA-COM-SMA33 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A37 MACOM-A37_1 Datasheet
376Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA36 MA-COM-SMA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A38 MACOM-A38 Datasheet
85Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
A39 MACOM-A39_1 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com