Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG130G Datasheet(PDF) 11 Page - NEC

Part # UPG130G
Description  L-BAND SPDT SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG130G Datasheet(HTML) 11 Page - NEC

Back Button UPG130G Datasheet HTML 6Page - NEC UPG130G Datasheet HTML 7Page - NEC UPG130G Datasheet HTML 8Page - NEC UPG130G Datasheet HTML 9Page - NEC UPG130G Datasheet HTML 10Page - NEC UPG130G Datasheet HTML 11Page - NEC UPG130G Datasheet HTML 12Page - NEC UPG130G Datasheet HTML 13Page - NEC UPG130G Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
µµµµµPG132G
11
Temperature characteristics
Next, results from evaluating the temperature characteristics of the
µPG132G are shown. As shown, favorable
characteristics are obtained in a range of TA = –55 to +90 ˚C. The temperature coefficient of the insertion loss is about
+0.0014 dB/˚C, indicating that the higher the temperature, the more the insertion loss.
Temperature Characteristics of Input/Output
30
25
20
15
VCONT1 = +3.0
VCONT2 = 0 V
f = 2 GHz
Non-modulated wave (CW) input
30
Pin (dBm)
25
TA = –55 ˚C
TA = +25 ˚C
TA = +60 ˚C
TA = +90 ˚C
20
15
35
Temperature Characteristics of Insertion Loss, and Double and Triple Harmonics
TA (˚C)
VCONT1 = +3 V
VCONT2 = 0 V
f = 2 GHz
Pin = +23 dBm
Non-modulated wave (CW) input
LINS
2fo
3fo
0.8
0.6
0.4
0.2
–50
–60
–70
–100
–50
0
+50
+100


Similar Part No. - UPG130G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG130G NEC-UPG130G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG130G NEC-UPG130G Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG130G NEC-UPG130G Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG130G NEC-UPG130G Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPG130GR NEC-UPG130GR Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
More results

Similar Description - UPG130G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com