Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3798 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3798
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3798 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3798 Datasheet HTML 1Page - Central Semiconductor Corp 2N3798 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3798
2N3798A
2N3799
2N3799A
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3798, 2N3799
series devices are silicon PNP epitaxial planar transistors
designed for low noise amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
2N3798
2N3798A
SYMBOL
2N3799
2N3799A
UNITS
Collector-Base Voltage
VCBO
60
90
V
Collector-Emitter Voltage
VCEO
60
90
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
360
mW
Power Dissipation (TC=25°C)
PD
1.2
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JA
0.49
°C/mW
Thermal Resistance
JC
150
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
10
nA
ICBO
VCB=50V, TA=150°C
10
μA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10μA (2N3798, 2N3799)
60
V
BVCBO
IC=10μA (2N3798A, 2N3799A)
90
V
BVCEO
IC=10mA (2N3798, 2N3799)
60
V
BVCEO
IC=10mA (2N3798A, 2N3799A)
90
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=100μA, IB=10μA
0.20
V
VCE(SAT)
IC=1.0mA, IB=100μA
0.25
V
VBE(SAT)
IC=100μA, IB=10μA
0.70
V
VBE(SAT)
IC=1.0mA, IB=100μA
0.80
V
VBE(ON)
VCE=5.0V, IC=100μA
0.70
V
2N3798
2N3799
2N3798A
2N3799A
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=1.0μA
-
-
75
-
hFE
VCE=5.0V, IC=10μA
100
-
225
-
hFE
VCE=5.0V, IC=100μA
150
-
300
-
hFE
VCE=5.0V, IC=100μA, TA=-55°C
75
-
150
-
hFE
VCE=5.0V, IC=500μA
150
450
300
900
hFE
VCE=5.0V, IC=1.0mA
150
-
300
-
hFE
VCE=5.0V, IC=10mA
125
-
250
-
TO-18 CASE
R1 (22-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N3798

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3798 SEMICOA-2N3798 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
New Jersey Semi-Conduct...
2N3798 NJSEMI-2N3798 Datasheet
262Kb / 2P
   PNP SILICON ANNULAR TRANSISTORS
logo
Central Semiconductor C...
2N3798 CENTRAL-2N3798 Datasheet
117Kb / 2P
   PNP SILICON TRANSISTOR JEDEC TO-18 CASE
logo
New Jersey Semi-Conduct...
2N3798A NJSEMI-2N3798A Datasheet
262Kb / 2P
   PNP SILICON ANNULAR TRANSISTORS
logo
Central Semiconductor C...
2N3798A CENTRAL-2N3798A Datasheet
534Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N3798

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com