Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3866
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3866 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3866_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N3866_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3866
2N3866A
NPN SILICON
HIGH FREQUENCY TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3866 and
2N3866A are Silicon NPN RF Transistors, mounted
in a hermetically sealed package, designed for high
frequency amplifier and oscillator applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
55
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
3.5
V
Continuous Collector Current
IC
0.4
A
Continuous Base Current
IB
2.0
A
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=28V
20
μA
ICEV
VCE=55V, VBE(OFF)=1.5V
0.1
mA
ICEV
VCE=30V, VBE(OFF)=1.5V, TC=200°C
5.0
mA
IEBO
VEB=3.5V
0.1
mA
BVCER
IC=5.0mA, RBE=10Ω
55
V
BVCBO
IC=500μA
55
V
BVCEO
IC=5.0mA
30
V
BVEBO
IE=100μA
3.5
V
VCE(SAT)
IC=100mA, IB=20mA
1.0
V
hFE
VCE=5.0V, IC=50mA (2N3866)
10
200
hFE
VCE=5.0V, IC=50mA (2N3866A)
25
200
hFE
VCE=5.0V, IC=360mA
5.0
fT
VCE=15V, IC=50mA, f=200MHz (2N3866)
500
MHz
fT
VCE=15V, IC=50mA, f=200MHz (2N3866A)
800
MHz
Cob
VCB=28V, IE=0, f=1.0MHz
3.0
pF
GPE
VCC=28V, Pout=1.0W, f=400MHz (Figure 1)
10
dB
η
VCC=28V, Pout=1.0W, f=400MHz (Figure 1)
45
%
TO-39 CASE
R2 (15-September 2010)
www.centra lsemi.com


Similar Part No. - 2N3866_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3866 MICROSEMI-2N3866_1 Datasheet
142Kb / 4P
   NPN SILICON HIGH-FREQUENCY TRANSISTOR
More results

Similar Description - 2N3866_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com