Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4059 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N4059
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4059 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4059 Datasheet HTML 1Page - Central Semiconductor Corp 2N4059 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4058 2N4061
2N4059 2N4062
2N4060
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4058 series
devices are silicon PNP transistors designed for
low level, low noise (2N4058), low level, high gain
(2N4059, 2N4060, 2N4061, 2N4062) applications.
Recommended NPN complementary series is 2N3707
thru 2N3711.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=20V
100
nA
IEBO
VEB=6.0V
100
nA
BVCEO
IC=1.0mA
30
V
VCE(SAT)
IC=10mA, IB=0.5mA
0.7
V
VBE(ON)
VCE=5.0V, IC=1.0mA
0.5
1.0
V
NF
VCE=5.0V, IC=100μA, RG=5.0KΩ,
BW=15.7kHz (2N4058 only)
5.0
dB
2N4058
2N4059
2N4060
2N4061
2N4062
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
MIN MAX
MIN MAX
hFE
VCE=5.0V, IC=100μA
100
400
-
-
-
-
-
-
-
-
hFE
VCE=5.0V, IC=1.0mA
-
-
45
660
45
165
90
330
180
660
hfe
VCE=5.0V, IC=100μA, f=1.0kHz
100
550
-
-
-
-
-
-
-
-
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
-
-
45
800
45
250
90
450
180
800
R1 (13-March 2014)
www.centr a lsemi.com


Similar Part No. - 2N4059

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N4059 MICRO-ELECTRONICS-2N4059 Datasheet
137Kb / 2P
   NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS
More results

Similar Description - 2N4059

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com