Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4424 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N4424
Description  SILICON NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4424 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4424_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N4424_15 Datasheet HTML 2Page - Central Semiconductor Corp 2N4424_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N4424
SILICON
NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4424 is a silicon
NPN epitaxial planar transistor designed for general
purpose amplifier applications.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
200
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=40V
30
nA
ICBO
VCB=40V, TA=100°C
10
μA
ICES
VCE=40V
30
nA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10μA
60
V
BVCEO
IC=10mA
40
V
BVEBO
IE=0.1μA
5.0
V
VCE(SAT)
IC=50mA, IB=3.0mA
0.30
V
VBE(SAT)
IC=50mA, IB=3.0mA
0.85
V
hFE
VCE=4.5V, IC=2.0mA
180
540
hfe
VCE=4.5V, IC=2.0mA, f=1.0kHz
180
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
180
hie
VCE=10V, IC=1.0mA, f=1.0kHz
5100
Ω
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
14
μS
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.27
x10-3
R1 (26-July 2013)
www.centr a lsemi.com


Similar Part No. - 2N4424_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
   SILICON TRANSISTORS
logo
Central Semiconductor C...
2N4424 CENTRAL-2N4424 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
New Jersey Semi-Conduct...
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
   SILICON TRANSISTORS
More results

Similar Description - 2N4424_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com