Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW65A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCW65A
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCW65A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCW65A Datasheet HTML 1Page - Central Semiconductor Corp BCW65A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCW65 SERIES
BCW66 SERIES
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCW65 and
BCW66 Series types are NPN Silicon Transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
general purpose switching and amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BCW65
BCW66
UNITS
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
32
45
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
800
mA
Peak Collector Current
ICM
1.0
A
Continuous Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=Rated VCEO
20
nA
ICBO
VCB= Rated VCEO, TA=150°C
20
µA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10µA (BCW65)
60
V
BVCBO
IC=10µA (BCW66)
75
V
BVCEO
IC=10mA (BCW65)
32
V
BVCEO
IC=10mA (BCW66)
45
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
0.7
V
VBE(SAT)
IC=100mA, IB=10mA
1.25
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
fT
VCE=5.0V, IC=50mA, f=20MHz
170
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
60
pF
BCW65A
BCW65B
BCW65C
BCW66F
BCW66G
BCW66H
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100µA
35
50
80
hFE
VCE=1.0V, IC=10mA
75
110
180
hFE
VCE=1.0V, IC=100mA
100
250
160
400
250
630
hFE
VCE=2.0V, IC=500mA
35
60
100
SOT-23 CASE
R2 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BCW65A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW65A SIEMENS-BCW65A Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW65A INFINEON-BCW65A Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW65A DIOTEC-BCW65A Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BCW65A BILIN-BCW65A Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
BCW65A CENTRAL-BCW65A Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - BCW65A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com