Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG131G Datasheet(PDF) 4 Page - NEC

Part # UPG131G
Description  L-BAND SPDT SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG131G Datasheet(HTML) 4 Page - NEC

  UPG131G Datasheet HTML 1Page - NEC UPG131G Datasheet HTML 2Page - NEC UPG131G Datasheet HTML 3Page - NEC UPG131G Datasheet HTML 4Page - NEC UPG131G Datasheet HTML 5Page - NEC UPG131G Datasheet HTML 6Page - NEC UPG131G Datasheet HTML 7Page - NEC UPG131G Datasheet HTML 8Page - NEC UPG131G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
µµµµµPG132G
4
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
Note This data is including loss of the test fixture.
+ 2.0
+ 1.0
0
– 1.0
– 2.0
– 3.0
VCONT1 = 0 V
VCONT2 = +3 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
LINS
IN
OUT1
OUT2
50
IN-OUT1 INSERTION LOSS vs. FREQUENCY
0
–10
–20
– 30
– 40
– 50
VCONT1 = +3 V
VCONT2 = 0 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
ISL
IN
OUT1
OUT2
50
IN-OUT1 ISOLATION vs. FREQUENCY
+ 10
0
–10
– 20
– 30
– 40
VCONT1 = 0 V
VCONT2 = +3 V
Pin = 0 dBm
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
RLin
IN
OUT1
OUT2
50
IN-OUT1 INPUT RETURN LOSS vs. FREQUENCY
+ 10
0
–10
– 20
– 30
– 40
100 M 200 M
500 M
1 G
2 G 3 G
f - Frequency - Hz
RLOUT
IN
OUT1
OUT2
50
IN-OUT1 OUTPUT RETURN LOSS vs. FREQUENCY
VCONT1 = 0 V
VCONT2 = +3 V
Pin = 0 dBm


Similar Part No. - UPG131G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG131G NEC-UPG131G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPG131GR NEC-UPG131GR Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
More results

Similar Description - UPG131G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com