Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6011 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A6011
Description  2000 TO 6000 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A6011 Datasheet(HTML) 1 Page - Tyco Electronics

  A6011 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc =
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· LOW NOISE FIGURE: 1.5 dB (TYP.)
· MEDIUM OUTPUT POWER: +18 dBm (TYP.)
· HIGH EFFICIENCY: 58 mA (TYP.) @ +5 Vdc
· PHEMT AMPLIFIER
A6011/SMA6011
2000 TO 6000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 6/01)*
* Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
BG
AA
CE
1.5-6.0 GHz
14.8 dB
±0.6 dB
16 dB
1.5 dB
18.0 dBm
+30 dBm
+45 dBm
+50 dBm
1.9:1 / 1.9:1
58 mA
2.0-6.0 GHz
13.5 dB
±0.9 dB
16.0 dBm
2.5 dB
16.5 dBm
2.2:1 / 2.2:1
70 mA
2.1:1 / 2.1:1
65 mA
2.0-6.0 GHz
12.5 dB
±1.1 dB
3.0 dB
-62° to +150°C
125°C
+7 Volts
+13 dBm
100 mW
0.25 W
125°C
°C/W
W
°C
A6011
SMA6011
CA6011
5 Volts (max.)
5 Vdc


Similar Part No. - A6011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011 Datasheet
637Kb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
A6011-SMA6011 MA-COM-A6011-SMA6011 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A6011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
Tyco Electronics
RA62 MACOM-RA62 Datasheet
356Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
   2000-6000 MHz 2000-6000 MHz
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
   2000-6000 MHz COUGARPAK ??AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com