Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3053L-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3053L-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3053L-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3053L-7 Datasheet HTML 1Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 2Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 3Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 4Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 5Page - Diodes Incorporated DMN3053L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3053L
Document number: DS36883 Rev. 2 - 2
2 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3053L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
4.0
3.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
35
A
Maximum Body Diode Forward Current (Note 6)
IS
1.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.76
W
TA = +70°C
0.48
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
165
°C/W
t<10s
RθJA
114
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.2
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
100
°C/W
t<10s
RθJA
69
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Body Leakage
IGSS
±10
µA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.6
1.4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
36
38
42
44
45
50
53
55
mΩ
VGS = 10V, ID = 4.0A
VGS = 4.5V, ID =3.5A
VGS = 3.0V, ID =3.0A
VGS = 2.5V, ID =2.8A
Source-Drain Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1.25A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
676
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
54
pF
Reverse Transfer Capacitance
Crss
42
pF
Gate Resistance
Rg
15.5
VDS = VGS = 0V,f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg

7.3

nC
VDS = 15V, ID = 4A
Total Gate Charge (VGS = 10V)
Qg

17.2

nC
Gate-Source Charge
Qgs

1.2

nC
Gate-Drain Charge
Qgd

0.9

nC
Turn-On Delay Time
tD(on)

2.0

ns
VDD = 15V, VGS = 10V,
RL = 15Ω, RG = 6Ω
Turn-On Rise Time
tr

5.5

ns
Turn-Off Delay Time
tD(off)

152

ns
Turn-Off Fall Time
tf

32

ns
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2 oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN3053L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3053L-7 DIODES-DMN3053L-7 Datasheet
350Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN3053L-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com