Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS1303 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WCS1303
Description  Hall Effect Base Current Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1303 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WCS1303 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1303 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1303 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS1303 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WCS1301,1302,1303,1304
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/2/6
Function Block:
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vdd
2.6
18
V
Supply Current
Isupply
IP =0 A
2.0
5.0
mA
Vout Saturation Voltage
Vsat
IP> =Iop, Isink=10 mA
0.2
0.6
V
Output Leakage Current
Ileakage
Vdd=5V, IP < Irp
<0.1
10
uA
Primary Conductor Resistance
Rprimary IP= ± 5 A
8.3
m
Ω
Bandwidth
BW
10
kHz
Output Rise Time
Tr
IP<Irp,
RL=2K
Ω CL=20pf
1.0
10
us
Output Falling Time
Tf
IP>Iop,
RL=2K
Ω CL=20pf
0.3
1.5
us
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ


Similar Part No. - WCS1303

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS1303 DIWELL-WCS1303 Datasheet
398Kb / 4P
   Hall Effect Base Current Switch
2015/2/6
More results

Similar Description - WCS1303

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS1301 DIWELL-WCS1301 Datasheet
398Kb / 4P
   Hall Effect Base Current Switch
2015/2/6
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
   Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
   Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
   Hall Effect Base Linear Current Sensor
2017/12/20
logo
Winson Semiconductor Co...
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
   Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
   Hall Effect Base Linear Current Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com