Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2248 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2248
Description  14-Bit, 65/40/25Msps Low Power 3V ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2248 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2248_15 Datasheet HTML 4Page - Linear Technology LTC2248_15 Datasheet HTML 5Page - Linear Technology LTC2248_15 Datasheet HTML 6Page - Linear Technology LTC2248_15 Datasheet HTML 7Page - Linear Technology LTC2248_15 Datasheet HTML 8Page - Linear Technology LTC2248_15 Datasheet HTML 9Page - Linear Technology LTC2248_15 Datasheet HTML 10Page - Linear Technology LTC2248_15 Datasheet HTML 11Page - Linear Technology LTC2248_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2248/LTC2247/LTC2246
8
224876fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (MHz)
0
2247 G04
510
15
20
0
510
15
20
0
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
2247 G05
FREQUENCY (MHz)
2247 G06
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
8184 8185 8186 81878188 8189 8190 81918192
546 36
15714
24558
14833
640
4641
30
2247 G08
30000
25000
20000
15000
10000
5000
0
INPUT FREQUENCY (MHz)
0
200
2247 G09
50
100
150
75
74
73
72
71
70
4520
FREQUENCY (MHz)
0
2247 G07
5
101520
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
80
2247 G11
40
20
60
SNR
SFDR
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2247 G10
50
100
200
INPUT LEVEL (dBFS)
–60
– 50
–40
–20
–30
–10
0
2247 G12
80
70
60
50
40
30
20
10
0
dBFS
dBc
LTC2247: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
40Msps
LTC2247: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
40Msps
LTC2247: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
40Msps
LTC2247: 8192 Point 2-Tone FFT,
fIN = 21.6MHz and 23.6MHz,
–1dB, 2V Range, 40Msps
LTC2247: Grounded Input
Histogram, 40Msps
LTC2247: SNR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2247: SFDR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2247: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2247: SNR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps


Similar Part No. - LTC2248_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2248CUH LINER-LTC2248CUH Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248IUH LINER-LTC2248IUH Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2248_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2247 LINER-LTC2247_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2298 LINER-LTC2298_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2296 LINER-LTC2296_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228 Datasheet
426Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com