Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN4027SSD-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4027SSD-13
Description  40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4027SSD-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4027SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMN4027SSD-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN4027SSD
Document Number DS33040 Rev 2 - 2
1 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4027SSD
40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) Max
ID
TA = +25C
40V
27m
 @ VGS = 10V
7.1A
47m
 @ VGS = 4.5V
5.4A
Description
This MOSFET has been designed to minimize the on-state resistance
and yet maintain superior switching performance, making it ideal for
high efficiency power management applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features and Benefits
Low on-resistance
Fast switching speed
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See diagram below
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMN4027SSD-13
Standard
SO-8
2500 / Tape & Reel
DMN4027SSDQ-13
Automotive
SO-8
2500 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
= Manufacturer’s Marking
N4027SD = Product Type Marking Code for DMN4027SSD-13
N4027DQ = Product Type Marking Code for DMN4027SSDQ-13
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-53)
Top View
SO-8
Top View
D1
S1
G1
S2
G2
D1
D2
D2
N4027DQ
YY
WW
N4027SD
YY
WW
e3


Similar Part No. - DMN4027SSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4027SSD-13 DIODES-DMN4027SSD-13 Datasheet
700Kb / 8P
   40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31204 Rev 1 - 2
More results

Similar Description - DMN4027SSD-13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQ4848P PANJIT-PJQ4848P Datasheet
750Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
July 28,2017-REV.00
PJQ5844 PANJIT-PJQ5844 Datasheet
693Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
October 18,2017-REV.00
PJQ5848-AU PANJIT-PJQ5848-AU Datasheet
826Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJQ5948-AU PANJIT-PJQ5948-AU_V01 Datasheet
422Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
April 18,2023
logo
Diodes Incorporated
DMN4026SSD DIODES-DMN4026SSD_15 Datasheet
318Kb / 6P
   40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9824 PANJIT-PJL9824 Datasheet
730Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
February 6,2018-REV.00
PJL9850 PANJIT-PJL9850 Datasheet
606Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
April 24,2017-REV.00
logo
Diodes Incorporated
DMT47M2LDVQ DIODES-DMT47M2LDVQ Datasheet
490Kb / 7P
   DUAL 40V N-CHANNEL ENHANCEMENT MODE MOSFET
May 2019 Rev. 2 - 2
logo
Pan Jit International I...
PJQ5948V-AU PANJIT-PJQ5948V-AU_V01 Datasheet
419Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
April 18,2023
PJQ5850-AU PANJIT-PJQ5850-AU Datasheet
770Kb / 6P
   40V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
logo
Diodes Incorporated
DMN4034SSD DIODES-DMN4034SSD_15 Datasheet
301Kb / 9P
   40V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com