Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG131G Datasheet(PDF) 6 Page - NEC

Part # UPG131G
Description  L-BAND DPDT MMIC SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG131G Datasheet(HTML) 6 Page - NEC

  UPG131G Datasheet HTML 1Page - NEC UPG131G Datasheet HTML 2Page - NEC UPG131G Datasheet HTML 3Page - NEC UPG131G Datasheet HTML 4Page - NEC UPG131G Datasheet HTML 5Page - NEC UPG131G Datasheet HTML 6Page - NEC UPG131G Datasheet HTML 7Page - NEC UPG131G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
µµµµPG139GV
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and
conditions than the recommended conditions are to be consulted with our sales representatives.
Soldering process
Soldering Conditions
Symbol
Infrared Ray Reflow
Peak package’s surface temperature: 235°C or below
Reflow time: 30 seconds or less (at 210°C)
Number of reflow process: 3, Exposure limit
Note: None
IR35-00-3
VPS
Peak package’s surface temperature: 215°C or below
Reflow time: 40 seconds or less (at 200°C)
Number of reflow process: 3, Exposure limit
Note: None
VP15-00-3
Wave Soldering
Solder temperature: 260°C or below
Flow time: 10 seconds or less
Number of flow process: 1, Exposure limit
Note: None
WS60-00-1
Partial Heating Method
Terminal temperature: 300°C
Flow time: 3 seconds or less (per one pin),
Exposure limit
Note: None
Note
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25°C and relative humidity at 65% or less.
Caution
Do not apply more than a single process at once, except for “partial heating method”.


Similar Part No. - UPG131G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG131G NEC-UPG131G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG131G NEC-UPG131G Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG131GR NEC-UPG131GR Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
More results

Similar Description - UPG131G

ManufacturerPart #DatasheetDescription
logo
NEC
UPG137GV NEC-UPG137GV_97 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
   L, S BAND SPDT GaAs MMIC SWITCH
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG153TB NEC-UPG153TB_01 Datasheet
36Kb / 4P
   L, S Band SPDT GaAs MMIC Switch
logo
New Japan Radio
NJG1524PC1 NJRC-NJG1524PC1 Datasheet
622Kb / 20P
   DPDT SWITCH GaAs MMIC
NJG1524APC1 NJRC-NJG1524APC1 Datasheet
249Kb / 8P
   DPDT SWITCH GaAs MMIC
logo
NEC
UPD5738T6N NEC-UPD5738T6N Datasheet
125Kb / 11P
   WIDE BAND DPDT SWITCH
logo
Renesas Technology Corp
PD5738T6N RENESAS-PD5738T6N Datasheet
255Kb / 13P
   WIDE BAND DPDT SWITCH
logo
California Eastern Labs
UPD5738T6N CEL-UPD5738T6N_09 Datasheet
524Kb / 10P
   WIDE BAND DPDT SWITCH
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com