Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG154TB Datasheet(PDF) 4 Page - NEC

Part # UPG154TB
Description  L-BAND SPDT SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG154TB Datasheet(HTML) 4 Page - NEC

  UPG154TB Datasheet HTML 1Page - NEC UPG154TB Datasheet HTML 2Page - NEC UPG154TB Datasheet HTML 3Page - NEC UPG154TB Datasheet HTML 4Page - NEC UPG154TB Datasheet HTML 5Page - NEC UPG154TB Datasheet HTML 6Page - NEC UPG154TB Datasheet HTML 7Page - NEC UPG154TB Datasheet HTML 8Page - NEC UPG154TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P13656EJ2V0DS00
4
µµµµPG154TB
TYPICAL CHARACTERISTICS (Cx = 12 pF)
TEST CONDITIONS: VCONT = 3 V/0 V, VDD = 3.0 V, Pin = 0 dBm, TA = +25
°C, using evaluation board.
0
–10
–20
–30
–40
START 0.300 000 000 GHz
CH1 S11
10 dB/REF 0 dB
Frequency f (GHz)
IN-OUT1 INPUT RETURN LOSS vs. FREQUENCY
STOP 3.300 000 000 GHz
START 0.300 000 000 GHz
CH1 S12
log MAG
log MAG
10 dB/REF 0 dB
Frequency f (GHz)
IN-OUT1 ISOLATION vs. FREQUENCY
STOP 3.300 000 000 GHz
2
4
1
2
4
START 0.300 000 000 GHz
CH1 S22
log MAG
10 dB/REF 0 dB
Frequency f (GHz)
IN-OUT1 OUTPUT RETURN LOSS vs. FREQUENCY
STOP 3.300 000 000 GHz
START 0.300 000 000 GHz
CH1 S21
log MAG
1 dB/REF 0 dB
Frequency f (GHz)
IN-OUT1 INSERTION LOSS vs. FREQUENCY
STOP 3.300 000 000 GHz
1
2
4
1
2
4
1
–16.072 dB
1 GHz
–16.268 dB
1.5 GHz
–11.895 dB
2 GHz
–8.346 dB
2.5 GHz
1:
2:
3:
4:
–0.705 dB
1 GHz
–0.913 dB
1.5 GHz
–1.684 dB
2 GHz
–3.617 dB
2.5 GHz
1:
2:
3:
4:
MARKER 1
1 GHz
MARKER 1
1 GHz
MARKER 1
1 GHz
0
–10
–20
–30
–40
MARKER 1
1 GHz
0
–10
–20
–30
–40
0
–1
–2
–3
–4
1:
2:
3:
4:
–15.819 dB
1 GHz
–17.331 dB
1.5 GHz
–15.135 dB
2 GHz
–12.383 dB
2.5 GHz
3
1:
2:
3:
4:
–25.11 dB
1 GHz
–16.514 dB
1.5 GHz
–9.938 dB
2 GHz
–5.895 dB
2.5 GHz
3
3
IN
OUT1
OUT2
50
3
Caution This data is including loss of the test fixture.


Similar Part No. - UPG154TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG154TB NEC-UPG154TB Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG154TB-E3 NEC-UPG154TB-E3 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
More results

Similar Description - UPG154TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com