Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3016LFDE-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3016LFDE-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LFDE-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3016LFDE-13 Datasheet HTML 1Page - Diodes Incorporated DMN3016LFDE-13 Datasheet HTML 2Page - Diodes Incorporated DMN3016LFDE-13 Datasheet HTML 3Page - Diodes Incorporated DMN3016LFDE-13 Datasheet HTML 4Page - Diodes Incorporated DMN3016LFDE-13 Datasheet HTML 5Page - Diodes Incorporated DMN3016LFDE-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3016LFDE
Document number: DS35900 Rev. 2 - 2
2 of 6
www.diodes.com
September 2013
© Diodes Incorporated
DMN3016LFDE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
10
8
A
t<10s
TA = +25°C
TA = +70°C
ID
12
9
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.5
A
Pulsed Drain Current (10
s pulse, duty cycle = 1%)
IDM
90
A
Avalanche Current (Note 7) L = 0.1mH
IAR
22
A
Repetitive Avalanche Energy (Note 7) L = 0.1mH
EAR
24
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.73
W
TA = +70°C
0.47
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
171
°C/W
t<10s
121
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.02
W
TA = +70°C
1.30
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
62
°C/W
t<10s
42
Thermal Resistance, Junction to Case (Note 6)
Steady state
RJC
9.3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.4
-
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
8
12
VGS = 10V, ID = 11A
-
12
16
VGS = 4.5V, ID = 9A
Forward Transfer Admittance
|Yfs|
-
32
-
S
VDS = 5V, ID = 12A
Diode Forward Voltage
VSD
-
0.70
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
1415
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
119
-
Reverse Transfer Capacitance
Crss
-
82
-
Gate resistance
Rg
-
2.6
3.2
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
11.3
-
nC
VDS = 15V, ID = 12A
Total Gate Charge (VGS = 10V)
Qg
-
25.1
-
Gate-Source Charge
Qgs
-
3.5
-
Gate-Drain Charge
Qgd
-
3.6
-
Turn-On Delay Time
tD(on)
-
4.8
-
ns
VDD = 15V, VGS = 10V,
RL = 1.25Ω, RG = 3Ω,
Turn-On Rise Time
tr
-
16.5
-
Turn-Off Delay Time
tD(off)
-
26.1
-
Turn-Off Fall Time
tf
-
5.6
-
Reverse Recovery Time
trr
-
12.3
-
ns
IF = 12A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
-
10.4
-
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN3016LFDE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3016LFDE-13 DIODES-DMN3016LFDE-13 Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
More results

Similar Description - DMN3016LFDE-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com