Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2436-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2436-1
Description  2-Channel Differential Input 16-Bit No Latency ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC2436-1_15 Datasheet HTML 1Page - Linear Technology LTC2436-1_15 Datasheet HTML 2Page - Linear Technology LTC2436-1_15 Datasheet HTML 3Page - Linear Technology LTC2436-1_15 Datasheet HTML 4Page - Linear Technology LTC2436-1_15 Datasheet HTML 5Page - Linear Technology LTC2436-1_15 Datasheet HTML 6Page - Linear Technology LTC2436-1_15 Datasheet HTML 7Page - Linear Technology LTC2436-1_15 Datasheet HTML 8Page - Linear Technology LTC2436-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2436-1
1
24361f
The LTC
®2436-1 is a 2-channel differential input mi-
cropower 16-bit No Latency
∆ΣTM analog-to-digital con-
verter with an integrated oscillator. It provides 0.5LSB
INL and 800nV RMS noise independent of VREF. The two
differential channels convert alternately with a channel
identification included in the conversion result. It uses
delta-sigma technology and provides single conversion
settling of the digital filter. Through a single pin, the
LTC2436-1 can be configured for better than 87dB input
differential mode rejection at 50Hz and 60Hz
±2%, or it
can be driven by an external oscillator for a user defined
rejection frequency. The internal oscillator requires no
external frequency setting components.
The converter accepts any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5 • VREF to 0.5 •
VREF. The reference common mode voltage, VREFCM, and
the input common mode voltage, VINCM, may be indepen-
dently set anywhere between GND and VCC. The DC
common mode input rejection is better than 140dB.
The LTC2436-1 communicates through a flexible 3-wire
digital interface which is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain-Gage Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
2-Channel Differential Input with Automatic
Channel Selection (Ping-Pong)
s
Low Supply Current: 200
µA, 4µA in Autosleep
s
Differential Input and Differential Reference with
GND to VCC Common Mode Range
s
0.12LSB INL, No Missing Codes
s
0.16LSB Full-Scale Error and 0.006LSB Offset
s
800nV RMS Noise, Independent of VREF
s
No Latency: Digital Filter Settles in a Single Cycle and
Each Channel Conversion is Accurate
s
Internal Oscillator—No External Components
Required
s
87dB Min, 50Hz and 60Hz Notch Filter
s
Narrow SSOP-16 Package
s
Single Supply 2.7V to 5.5V Operation
s
Pin Compatible with the 24-Bit LTC2412
2-Channel Differential Input
16-Bit No Latency
∆Σ ADC
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Effective Resolution vs VREF
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
VCC
REF+
FO
CH0+
CH0
SCK
REF
CH1+
SDO
GND
CS
114
4
13
3
5
THERMOCOUPLE
6
CH1
7
12
8, 9, 10, 15, 16
11
24361 TA01
2
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
(100mV)
4.9k
100
5V REF
LTC2436-1
VREF (V)
0
*COMBINES EFFECTS OF PEAK-TO-PEAK NOISE
AND 16-BIT STEP SIZE (VREF/2
16)
0
10
30
40
50
2
4
5
90
24361 TA02
20
13
60
70
80


Similar Part No. - LTC2436-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2436-1CGN LINER-LTC2436-1CGN Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2436-1IGN LINER-LTC2436-1IGN Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
More results

Similar Description - LTC2436-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com