Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2991 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2991
Description  Octal I2C Voltage, Current, and Temperature Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2991 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2991_15 Datasheet HTML 4Page - Linear Technology LTC2991_15 Datasheet HTML 5Page - Linear Technology LTC2991_15 Datasheet HTML 6Page - Linear Technology LTC2991_15 Datasheet HTML 7Page - Linear Technology LTC2991_15 Datasheet HTML 8Page - Linear Technology LTC2991_15 Datasheet HTML 9Page - Linear Technology LTC2991_15 Datasheet HTML 10Page - Linear Technology LTC2991_15 Datasheet HTML 11Page - Linear Technology LTC2991_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2991
8
2991fd
For more information www.linear.com/LTC2991
pin FuncTions
V1 (Pin 1): First Monitor Input. This pin can be configured
as a single-ended input (0V to 4.9V) or the positive input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV2).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will source a current.
V2 (Pin 2): Second Monitor Input. This pin can be config-
ured as a single-ended input (0V to 4.9V) or the negative
input for a differential or remote diode temperature mea-
surement (in combination with V1). Differential common
mode range is 0V to VCC, ±300mV differential. When
configuredforremotediodetemperature,thispinwillhave
an internal termination, while the measurement is active.
V3 (Pin 3): Third Monitor Input. This pin can be configured
as a single-ended input (0V to 4.9V) or the positive input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV4).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will source a current.
V4(Pin4):FourthMonitorInput.Thispincanbeconfigured
as a single-ended input (0V to 4.9V) or the negative input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV3).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will have an internal
termination, while the measurement is active.
V5 (Pin 5): Fifth Monitor Input. This pin can be configured
as a single-ended input (0V to 4.9V) or the positive input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV6).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will source a current.
V6 (Pin 6): Sixth Monitor Input. This pin can be configured
as a single-ended input (0V to 4.9V) or the negative input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV5).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will have an internal
termination, while the measurement is active.
V7 (Pin 7): Seventh Monitor Input. This pin can be
configured as a single-ended input (0V to 4.9V) or the
positive input for a differential or remote diode tempera-
ture measurement (in combination with V8). Differential
common mode range is 0V to VCC, ±300mV differential.
When configured for remote diode temperature, this pin
will source a current.
V8(Pin8):EighthMonitorInput.Thispincanbeconfigured
as a single-ended input (0V to 4.9V) or the negative input
foradifferentialorremotediodetemperaturemeasurement
(incombinationwithV7).Differentialcommonmoderange
is 0V to VCC, ±300mV differential. When configured for
remote diode temperature, this pin will have an internal
termination, while the measurement is active.
GND (Pin 9): Device Ground. Connect this pin through a
low impedance connection to system ground.
SDA (Pin 10): Serial Bus Data Input and Output. In the
transmitter mode (read), the conversion result is output
through the SDA pin, while in the receiver mode (write),
the device configuration bits are input through the SDA
pin. At data input mode, the pin is high impedance; while
at data output mode, it is an open-drain N-channel driver
and, therefore, an external pull-up resistor or current
source to VCC is needed.
SCL (Pin 11): Serial Bus Clock Input of the I2C Interface.
The LTC2991 can only act as a slave and the SCL pin
only accepts external serial clock. The LTC2991 does not
implement clock stretching.
PWM (Pin 12): PWM Output. The PWM pin provides a
CMOS output level with a duty cycle proportional to the
remote diode temperature of the sensor connected to
pins V7 and V8.
ADR0, ADR1, ADR2 (Pins 13, 14, 15): Serial Bus Address
Control Input. The ADR pins are address control bits for
the device I2C address. See Table 1.
VCC (Pin 16): Chip Power. Connect to 2.9V to 5.5V low
noise supply. A 0.1µF decoupling capacitor to GND is
required for this pin.


Similar Part No. - LTC2991_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2991 LINER-LTC2991 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2991 LINER-LTC2991 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
LTC2991 LINER-LTC2991 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2991 AD-LTC2991 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
LTC2991 AD-LTC2991 Datasheet
3Mb / 90P
   Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results

Similar Description - LTC2991_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com