Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3552-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3552-1
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3552-1_15 Datasheet HTML 2Page - Linear Technology LTC3552-1_15 Datasheet HTML 3Page - Linear Technology LTC3552-1_15 Datasheet HTML 4Page - Linear Technology LTC3552-1_15 Datasheet HTML 5Page - Linear Technology LTC3552-1_15 Datasheet HTML 6Page - Linear Technology LTC3552-1_15 Datasheet HTML 7Page - Linear Technology LTC3552-1_15 Datasheet HTML 8Page - Linear Technology LTC3552-1_15 Datasheet HTML 9Page - Linear Technology LTC3552-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3552-1
6
35521fa
TYPICAL PERFOR A CE CHARACTERISTICS
35521 G16
VCC = 3.6V
VOUT2 = 1.575V
ILOAD = 40mA TO 400mA
REGULATOR 2; CIRCUIT OF FIGURE 2
VOUT2
200mV/DIV
IL
200mA/DIV
ILOAD
40mA-
400mA
200mA/DIV
20
µs/DIV
VCC (V)
35521 G17
100
95
90
85
80
75
70
65
60
2345
5.5
6
2.5
3.5
4.5
VOUT1 = 1.8V, REGULATOR 1
Burst Mode OPERATION
CIRCUIT OF FIGURE 2
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 800mA
2.5
2.4
2.3
2.2
2.1
2.0
TEMPERATURE (
°C)
–50
25
75
35521 G18
–25
0
50
100
125
VCC = 3.6V
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC (V)
2
35521 G19
3
45
6
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
TEMPERATURE (
°C)
–50
25
75
35521 G20
–25
0
50
100
125
VCC = 3.6V
VCC (V)
1
500
450
400
350
300
250
200
46
35521 G21
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
JUNCTION TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
35521 G22
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VCC = 3.6V
VCC = 4.2V
VCC = 2.7V
Switching Regulator
Efficiency vs Supply Voltage
Oscillator Frequency
vs Temperature
Oscillator Frequency Error
vs Supply Voltage
Output Voltage Error
vs Temperature
RDS(ON) vs Supply Voltage
RDS(ON) vs Junction Temperature
Burst Mode Operation
Load Step
Load Step
TA = 25°C Unless Otherwise Specified.
35521 G15
VCC = 3.6V
VOUT1 = 1.8V
ILOAD = 80mA TO 800mA
REGULATOR 1; CIRCUIT OF FIGURE 2
VOUT1
200mV/DIV
ILOAD:
80mA-
800mA
500mA/DIV
IL
500mA/DIV
20
µs/DIV
35521 G14
VCC = 3.6V
VOUT1 = 1.8V
ILOAD = 60mA
REGULATOR 1; CIRCUIT OF FIGURE 2
SW
5V/DIV
VOUT1
RIPPLE
20mV/DIV
IL
200mA/DIV
2
µs/DIV


Similar Part No. - LTC3552-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
More results

Similar Description - LTC3552-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com