Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1W-850 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMB1W-850
Description  High Power LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1W-850 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1W-850 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1W-850 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1W-850 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1W-850 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SMB1W-850 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
13.10.2011
SMB1W-850
1 of 5
SMB1W-850
TECHNICAL DATA
High Power LED, SMD
AlGaAs
SMB1W-850 are AlGaAs High Power LEDs mounted on a cooper heat sink with a 5x5 mm SMD
package and molded with epoxy resin. On forward bias, it emits a radiation of typical 430 mW at a
peak wavelength of 850 nm.
Specifications
• Structure: AlGaAs, 1W high power chip
• Peak Wavelength: typ. 850 nm
• Optical Output Power: typ. 430 mW
• Package
SMD, PPA resin
Lead frame die: silver plated on copper
Lens: epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
2500
mW
Forward Current
IF
1000
mA
Pulse Forward Current *
1
IFP
4000
mA
Reverse Voltage
VR
5
V
Thermal Resistance
Rth
10
K/W
Operating Temperature
Topr
-30 … +85
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *
2
Tsol
255
°C
*
1 duty = 1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 1 A
-
2.1
2.5
V
Pulsed Forward Current
VFP
IFP = 4 A
-
4.2
5.5
V
IF = 1 A
280
430
-
Total Radiated Power
PO
IFP = 4 A
-
1700
-
mW
IF = 1 A
-
200
-
Radiant Intensity
IE
IFP = 4 A
-
800
-
mW/sr
Peak Wavelength
λ
P
IF = 100 mA
-
850
-
nm
Half Width
Δλ
IF = 100 mA
-
45
-
nm
Viewing Half Angle
Θ
1/2
IF = 100 mA
-
±66
-
deg.
Rise Time
tr
IF = 100 mA
-
15
-
ns
Fall Time
tf
IF = 100 mA
-
10
-
ns
Total Radiated Power is measured by S3584-08
Radiant Intensity is measured by Tektronix J-6512
Notes: Do not view directly into the emitting area of the LED during operation!
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMB1W-850

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1W-850D ROITHNER-SMB1W-850D Datasheet
155Kb / 2P
   High Power LED
More results

Similar Description - SMB1W-850

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com