Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH131 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH131
Description  Omnipolar Hall Effect Switch IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH131 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH131_13 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH131_13 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH131_13 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH131_13 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSH131
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2013/5/23(Rev. B)
2
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ---------------
30V
Magnetic flux density
B
--------------------------
Unlimited
Output ON Current (continuous)
Ic
--------------------------
20mA
Operating Temperature Range
Ta
--------------------------
(-20˚C to +85˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
350mw
Electrical Characteristics:
(T=+25˚C, Vcc=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
2.4
26
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B > Bop
0.2
0.6
V
Output Leakage
Current
Ileakage Vcc=12V, B<Brp
<0.1
10
uA
Supply Current
Is(off)
Vcc=12V,Output
Open
3.0
6
mA
Function Block:


Similar Part No. - WSH131_13

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
   Omnipolar Hall Effect Switch IC
More results

Similar Description - WSH131_13

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WSH131 DIWELL-WSH131 Datasheet
172Kb / 4P
   Omnipolar Hall Effect Switch IC
2017/4/7 Rev. B
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N DIODES-AH180N Datasheet
194Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
logo
Shenzhen Huazhimei Semi...
HM90248 HMSEMI-HM90248 Datasheet
628Kb / 6P
   Omnipolar竊똌icroPower Hall-Effect Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com