Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3828 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3828
Description  Dual, 2-Phase Step-Down Controller with Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828 Datasheet(HTML) 1 Page - Linear Technology

  LTC3828_15 Datasheet HTML 1Page - Linear Technology LTC3828_15 Datasheet HTML 2Page - Linear Technology LTC3828_15 Datasheet HTML 3Page - Linear Technology LTC3828_15 Datasheet HTML 4Page - Linear Technology LTC3828_15 Datasheet HTML 5Page - Linear Technology LTC3828_15 Datasheet HTML 6Page - Linear Technology LTC3828_15 Datasheet HTML 7Page - Linear Technology LTC3828_15 Datasheet HTML 8Page - Linear Technology LTC3828_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3828
1
3828fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual, 2-Phase Step-Down
Controller with Tracking
The LTC
®3828 is a dual high performance step-down
switching regulator controller that drives all N-channel
synchronous power MOSFET stages. A constant frequency
current mode architecture allows for a phase-lockable
frequency of up to 550kHz. The TRCKSS pin provides both
soft-start and tracking functions. Multiple LTC3828s can
be daisy-chained in applications requiring more than two
voltages to be tracked.
OPTI-LOOP compensation allows the transient response
to be optimized over a wide range of output capacitance
and ESR values. The precision 0.8V reference and power
good output indicator are compatible with a wide 4.5V to
28V (30V maximum) input supply range, encompassing
all battery chemistries.
The RUN pins control their respective channels indepen-
dently. The FCB/PLLIN pin selects among Burst Mode
®
operation, skip-cycle mode and continuous current mode.
Current foldback limits MOSFET dissipation during short-
circuit conditions. Reverse current and current foldback
functions are disabled during soft-start.
High Efficiency Dual 2.5V/3.3V Step-Down Converter with Tracking
n Telecom Infrastructure
n ASIC Power Supply
n Industry Equipment
L, LT, LTC, LTM, Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787,
6304066, 6580258
n Dual, 180° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
n Tracking for Both Outputs
n Constant Frequency Current Mode Control
n Wide VIN Range: 4.5V to 28V Operation
n Power Good Output Voltage Indicator
n Adjustable Soft-Start Current Ramping
n Foldback Output Current Limiting–
Disabled at Start-Up
n No Reverse Current During Soft-Start Interval
n Clock Output for 3-, 4-, 6-Phase Operation
n Dual N-Channel MOSFET Synchronous Drive
n ±1% Output Voltage Accuracy
n Phase-Lockable Fixed Frequency 260kHz to 550kHz
n OPTI-LOOP
® Compensation Minimizes COUT
n Very Low Dropout Operation: 99% Duty Cycle
n Output Overvoltage Protection
n Small 28-Lead SSOP and 5mm
× 5mm QFN
Packages
+
4.7μF
0.1μF
63.4k 1%
1000pF
3.2μH
220pF
1μF
CERAMIC
22μF
50V
CERAMIC
+
47μF
4V
SP
0.01Ω
20k
1%
20k
1%
15k
3.3V
5A
0.1μF
0.1μF
42.5k
1%
3.2μH
220pF
1000pF
+
56μF
4V
SP
0.01Ω
20k
1%
15k
2.5V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1
SENSE2
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN PGOOD INTVCC
RUN1
RUN2
4.5V TO 28V
3828 TA01
LTC3828
FCB/PLLIN
500kHz
TRCKSS1
TRCKSS1
TRCKSS2
63.4k 1%


Similar Part No. - LTC3828_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3828EG LINER-LTC3828EG Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
LTC3828EUH LINER-LTC3828EUH Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
More results

Similar Description - LTC3828_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com