Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3830 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3830
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830 Datasheet(HTML) 4 Page - Linear Technology

  LTC3830_15 Datasheet HTML 1Page - Linear Technology LTC3830_15 Datasheet HTML 2Page - Linear Technology LTC3830_15 Datasheet HTML 3Page - Linear Technology LTC3830_15 Datasheet HTML 4Page - Linear Technology LTC3830_15 Datasheet HTML 5Page - Linear Technology LTC3830_15 Datasheet HTML 6Page - Linear Technology LTC3830_15 Datasheet HTML 7Page - Linear Technology LTC3830_15 Datasheet HTML 8Page - Linear Technology LTC3830_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC3830/LTC3830-1
3830fa
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
OUTPUT CURRENT (A)
–15
3.33
0
3830 G02
3.30
3.28
–10
–5
5
3.27
3.26
3.34
3.32
3.31
3.29
10
15
TA = 25°C
REFER TO FIGURE 12
Line Regulation
SUPPLY VOLTAGE (V)
3
1.267
1.271
1.275
7
3830 G03
1.263
1.259
1.265
1.269
1.273
1.261
1.257
1.255
2
6
10
–2
–6
0
4
8
–4
–8
–10
4
5
6
8
TA = 25°C
Output Voltage Temperature Drift
TEMPERATURE (°C)
–50
3.33
25
3830 G04
3.30
3.28
–25
0
50
3.27
3.26
3.34
3.32
3.31
3.29
30
0
–20
–30
–40
40
20
10
–10
75
100
125
REFER TO FIGURE 12
OUTPUT = NO LOAD
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (˚C)
–50
700
750
800
25
75
3830 G05
650
600
–25
0
50
100
125
550
500
TEMPERATURE (°C)
–50
180
25
3830 G06
120
80
–25
0
50
60
40
200
160
140
100
75
100
125
TEMPERATURE (°C)
–50
40
45
50
55
60
–25
0
25
50
2830 G07
75
100
125
Error Amplifier Sink/Source
Current vs Temperature
Error Amplifier Open-Loop Gain
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs FREQSET Input Current
Oscillator (VSAWH – VSAWL)
vs External Sync Frequency
TEMPERATURE (°C)
–50
160
170
190
200
210
50
250
3831 G08
180
0
–25
75
100
25
125
220
230
240
FREQSET FLOATING
FREQSET INPUT CURRENT (µA)
–40
0
100
200
300
400
600
–30
–20
–10
0
3830 G09
10
20
500
TA = 25°C
EXTERNAL SYNC FREQUENCY (kHz)
100
0.5
0.6
0.8
0.9
1.0
1.5
1.2
200
300
3830 G10
0.7
1.3
1.4
1.1
400
500
TA = 25°C


Similar Part No. - LTC3830_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3830-1 LINER-LTC3830-1 Datasheet
305Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1ES8 LINER-LTC3830-1ES8 Datasheet
305Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results

Similar Description - LTC3830_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832 Datasheet
316Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830 Datasheet
305Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com