Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH134 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH134
Description  Unipolar Hall Effect Switch IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH134 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH134 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH134 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH134 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH134 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSH134
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2013/5/23
Output breakdown Voltage
Vout(breakdown) ----------------
30V
Magnetic flux density
B
--------------------------
Unlimited
Reverse Protection Voltage
Vr
--------------------------
26V
Output ON Current (continuous)
Ic
--------------------------
25mA
Operating Temperature Range
Ta
--------------------------
(-40˚C to +125˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
500mw
Electrical Characteristics:
(T=+25˚C, Vcc=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
2.4
26
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B > Bop
0.2
0.6
V
Output Leakage
Current
Ileakage Vcc=12V, B<Brp
<0.1
10
uA
Supply Current
Isupply Vcc=12V,Output
Open
2.0
5
mA
Output Rise Time
Tr
Vcc=12V,RL=2K
Ω
CL=20Pf
1.0
10
μs
Output Falling Time
Tf
Vcc=12V,RL=2K
Ω
CL=20Pf
0.3
1.5
μs
Function Block:


Similar Part No. - WSH134

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH134 WINSON-WSH134 Datasheet
102Kb / 4P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
   Unipolar Hall Effect Switch IC
More results

Similar Description - WSH134

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
   Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
   Unipolar Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH1132 WINSON-WSH1132 Datasheet
145Kb / 4P
   Unipolar Hall Effect Switch IC
WSH130NL WINSON-WSH130NL Datasheet
147Kb / 5P
   Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134 Datasheet
102Kb / 4P
   Unipolar Hall Effect Switch IC
logo
Nanjing Ouzhuo Technolo...
OH44E OHHALLSENSOR-OH44E Datasheet
153Kb / 2P
   Unipolar Hall Effect Switch IC
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_13 Datasheet
146Kb / 4P
   Unipolar Hall Effect Switch IC
logo
Nanjing Ouzhuo Technolo...
OH137 OHHALLSENSOR-OH137 Datasheet
148Kb / 2P
   Unipolar Hall Effect Switch IC
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com