Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG137GV Datasheet(PDF) 2 Page - NEC

Part # UPG137GV
Description  L-BAND SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG137GV Datasheet(HTML) 2 Page - NEC

  UPG137GV Datasheet HTML 1Page - NEC UPG137GV Datasheet HTML 2Page - NEC UPG137GV Datasheet HTML 3Page - NEC UPG137GV Datasheet HTML 4Page - NEC UPG137GV Datasheet HTML 5Page - NEC UPG137GV Datasheet HTML 6Page - NEC UPG137GV Datasheet HTML 7Page - NEC UPG137GV Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PPPPPG138GV
PIN CONNECTION DIAGRAM (Top View)
1
2
3
4
8
7
6
5
1. VCONT2
2. OUT2
3. GND
4. GND
5. IN
6. GND
7. OUT1
8. VCONT1
SPDT SWITCH IC SERIES PRODUCTS
PART
NUMBER
PIN (1 dB)
(dBm)
LINS (dB)
ISL (dB)
VCONT (V)
PACKAGE
APPLICATIONS
PPG130G
+34
0.5 @ 1 G
32 @ 1 G
ð5/0
PDC, IS-54, PHS
PPG131G
+30
0.6 @ 2 G
23 @ 2 G
ð4/0
PHS, DIVERSITY
PPG132G
+30
0.6 @ 2 G
22 @ 2 G
+3/0
PHS, DIVERSITY
PPG133G
+25
0.6 @ 2 G
20 @ 2 G
ð3/0
DIVERSITY, VCO
PPG137GV
+34
0.55 @ 1 G
25 @ 2 G
+3/0
PDC, GSM, IS-136
PPG138GV
+34
+38
0.55 @ 1 G
30 @ 1 G
ð3/0
ð5/0
PDC, GSM, IS-136
Remark
As for detail information of series products, please refer to each data sheet.
8 pins SSOP
(175 mil)


Similar Part No. - UPG137GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPG137GV NEC-UPG137GV Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
UPG137GV-E1 NEC-UPG137GV-E1 Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV-E1 NEC-UPG137GV-E1 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
More results

Similar Description - UPG137GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com