Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT4413 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT4413
Description  DUAL, COMPLEMENTARY TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT4413 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT4413_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLT4413_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLT4413_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLT4413
SURFACE MOUNT SILICON
DUAL, COMPLEMENTARY
TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
15
1.5
15
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
8.0
0.1
8.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
40
500
60
500
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
30
1.0
100
μS
td
VCC=30V, VBE=2.0V, IC=150mA, IB1=15mA
-
15
-
15
ns
tr
VCC=30V, VBE=2.0V, IC=150mA, IB1=15mA
-
20
-
20
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
30
-
30
ns
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
MARKING CODE: PC3
PIN CONFIGURATION
www.centr a lsemi.com
R3 (29-June 2015)


Similar Part No. - CMLT4413_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
   SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
More results

Similar Description - CMLT4413_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MD986 MOTOROLA-MD986 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
NST847BPDP6T5G ONSEMI-NST847BPDP6T5G Datasheet
107Kb / 7P
   Dual Complementary General Purpose Transistor
May, 2008 ??Rev. 0
NST3946DP6T5G ONSEMI-NST3946DP6T5G_14 Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NST3946DP6T5G ONSEMI-NST3946DP6T5G Datasheet
109Kb / 7P
   Dual Complementary General Purpose Transistor
July, 2008 ??Rev. 1
logo
Diodes Incorporated
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DCX124EK DIODES-DCX124EK_2 Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DS30350 Rev. 6 - 2
logo
ON Semiconductor
UMZ1NT1 ONSEMI-UMZ1NT1 Datasheet
68Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
May, 2006 ??Rev. 5
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
logo
New Jersey Semi-Conduct...
MD6001 NJSEMI-MD6001 Datasheet
99Kb / 2P
   Silicon annular complementary-pair dual transistor
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC Datasheet
210Kb / 9P
   COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com