Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG158TB-E3 Datasheet(PDF) 3 Page - NEC

Part # UPG158TB-E3
Description  L, S- BAND SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG158TB-E3 Datasheet(HTML) 3 Page - NEC

  UPG158TB-E3 Datasheet HTML 1Page - NEC UPG158TB-E3 Datasheet HTML 2Page - NEC UPG158TB-E3 Datasheet HTML 3Page - NEC UPG158TB-E3 Datasheet HTML 4Page - NEC UPG158TB-E3 Datasheet HTML 5Page - NEC UPG158TB-E3 Datasheet HTML 6Page - NEC UPG158TB-E3 Datasheet HTML 7Page - NEC UPG158TB-E3 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet P14267EJ2V0DS00
3
µµµµPG158TB
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA = +25
°C, VCONT1 = 3 V, VCONT2 = 0 V or VCONT1 = 0 V, VCONT2 = 3 V, Off chip DC
blocking capacitors value; 51 pF)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
f = 0.5 to 1.0 GHz
0.3
0.55
f = 2.0 GHz
0.4
0.65
Insertion Loss
LINS
f = 2.5 GHz
0.5
Note1
dB
f = 0.5 to 2.0 GHz
22
27
Isolation
ISL
f = 2.5 GHz
23
Note1
dB
Input Return Loss
RLin
f = 0.5 to 2.0 GHz
13
19
dB
Output Return Loss
RLout
f = 0.5 to 2.0 GHz
13
19
dB
Input Power at 0.1 dB
Compression Point
Note2
Pin(0.1 dB)
f = 1.0 GHz, VCONT = 3 V/0 V
23.0
dBm
Input Power at 1 dB
Compression Point
Note2
Pin(1 dB)
f = 1.0 GHz, VCONT = 3 V/0 V
22.0
26.5
dBm
Switching Speed
tsw
50
200
ns
Control Current
ICONT
VCONT = 3 V/0 V
0.5
10
µA
Notes 1.
Characteristic for reference at 2.0 to 2.5 GHz
2.
Pin(0.1 dB) or Pin(1 dB) is measured the input power level when the insertion loss increases more 0.1 dB or
1 dB than that of linear range. All other characteristics are measured in linear range.
Cautions 1.
When the
µµµµPG158TB is used it is necessary to use DC blocking capacitors for No. 1 (OUT1),
No.3 (OUT2) and No.5 (IN).
The value of DC blocking capacitors should be chosen to
accommodate the frequency of operation, band width, switching speed and the condition
with actual board of your system.
The range of recommended DC blocking capacitor value is less than 100 pF.
2.
The distance between IC’s GND pin and ground pattern of substrate should be as shorter as
possible to avoid parasitic parameters.


Similar Part No. - UPG158TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG158TB-E3 CEL-UPG158TB-E3 Datasheet
211Kb / 8P
   쩍W L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG158TB-E3 RENESAS-UPG158TB-E3 Datasheet
246Kb / 12P
   GaAs INTEGRATED CIRCUIT
2003
More results

Similar Description - UPG158TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com