Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130138-0045 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130138-0045
Description  Watertite Multiple Outlet Coverplate, (2) Single Receptacles, NEMA 5-15 15/20A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130138-0045 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130138-0045 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130138-0045
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Multiple Outlet Coverplate, (2) Single Receptacles, NEMA 5-15 15/20A
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Power Distribution
Series
130138
Enclosure Rating
NEMA 4
GFCI Reset
N/A
Mounting Style
Permanent
Open Neutral Relay
N/A
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-7737
Product Name
Watertite®
Receptacle Type
N/A
Type
Multiple Outlet Box
UPC
78678834046
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Cord Length
N/A
Feed-Thru
No
Flip Lid
Yes
Material - Housing
Rubber
Number of Receptacles
0
Packaging Type
Carton
Electrical
Cord Type
N/A
Current - Maximum per Contact
N/A
GFCI
No
Ground Continuity Monitor
No
NEMA Configuration
NEMA 5-15
Voltage - Maximum
120V
Material Info
Old Part Number
3266
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130138Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130138-0045

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130138-0040 MOLEX11-130138-0040 Datasheet
40Kb / 1P
   Super-Safeway Multiple Outlet Coverplate
130138-0041 MOLEX11-130138-0041 Datasheet
45Kb / 1P
   Super-Safeway Multiple Outlet Coverplate
130138-0042 MOLEX11-130138-0042 Datasheet
45Kb / 1P
   Super-Safeway Multiple Outlet Coverplate
130138-0043 MOLEX11-130138-0043 Datasheet
40Kb / 1P
   Super-Safeway Multiple Outlet Coverplate, (2) Single Receptacle 43.69mm Hole Diameter 30A Locking with Flip Lids
130138-0044 MOLEX11-130138-0044 Datasheet
44Kb / 1P
   Super-Safeway Multiple Outlet Box, Blank Coverplate Yellow For3200/3300 Series Boxes
More results

Similar Description - 130138-0045

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0129 MOLEX11-130146-0129 Datasheet
45Kb / 1P
   Watertite Receptacle with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
1301460116 MOLEX11-1301460116 Datasheet
40Kb / 1P
   Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
130146-0116 MOLEX11-130146-0116 Datasheet
47Kb / 1P
   Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
130138-0047 MOLEX11-130138-0047 Datasheet
39Kb / 1P
   Watertite Multiple Outlet Coverplate, Clear Silicone Single GFCI Module
130137-0222 MOLEX11-130137-0222 Datasheet
47Kb / 1P
   Watertite GFCI Multiple Outlet FD Box, (1) NEMA 5-15 Duplex with Flip Lids,
130137-0224 MOLEX11-130137-0224 Datasheet
47Kb / 1P
   Watertite GFCI Multiple Outlet FD Box, (1) NEMA 5-15 Duplex with Flip Lids,
130137-0223 MOLEX11-130137-0223 Datasheet
47Kb / 1P
   Watertite GFCI Multiple Outlet FD Box, (1) NEMA 5-15 Duplex with Flip Lids,
130146-0131 MOLEX11-130146-0131 Datasheet
41Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
1301460131 MOLEX11-1301460131 Datasheet
34Kb / 1P
   Watertite Receptacle with Duplex Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
130146-0127 MOLEX11-130146-0127 Datasheet
44Kb / 1P
   Watertite Receptacle with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 7-15, 277V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com