Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN7022LFG-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN7022LFG-7
Description  75V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN7022LFG-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN7022LFG-7 Datasheet HTML 1Page - Diodes Incorporated DMN7022LFG-7 Datasheet HTML 2Page - Diodes Incorporated DMN7022LFG-7 Datasheet HTML 3Page - Diodes Incorporated DMN7022LFG-7 Datasheet HTML 4Page - Diodes Incorporated DMN7022LFG-7 Datasheet HTML 5Page - Diodes Incorporated DMN7022LFG-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN7022LFG
Document number: DS37008 Rev. 1 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN7022LFG
75V N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
75V
22m
Ω @ VGS = 10V
7.8A
28m
Ω @ VGS = 4.5V
6.9A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – ensures on state losses are minimized
Small form factor thermally efficient package enables higher
density end products
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
⎯ Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.072 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN7022LFG-7
POWERDI
®3333-8
2,000/Tape & Reel
DMN7022LFG-13
POWERDI
®3333-8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
POWERDI
®3333-8
N72= Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 13 = 2013)
WW = Week code (01 ~ 53)
S
S
S
G
D
D
D
D
Pin 1
D
S
G
Equivalent Circuit
N72


Similar Part No. - DMN7022LFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN7022LFG-7 DIODES-DMN7022LFG-7 Datasheet
328Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN7022LFG-7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP75N75 PANJIT-PJP75N75 Datasheet
148Kb / 4P
   75V N-Channel Enhancement Mode MOSFET
PJB75N75 PANJIT-PJB75N75 Datasheet
165Kb / 4P
   75V N-Channel Enhancement Mode MOSFET
PJP75N75 PANJIT-PJP75N75_07 Datasheet
156Kb / 4P
   75V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
   75V / 150A N-Channel Enhancement Mode MOSFET
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
   75V / 80A N-Channel Enhancement Mode MOSFET
HY75N075T HY-HY75N075T Datasheet
225Kb / 4P
   75V / 75A N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
   80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Unisonic Technologies
UTT75N75M UTC-UTT75N75M Datasheet
649Kb / 9P
   75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com