Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UV-TIAMO-M Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # UV-TIAMO-M
Description  integrated transimpedance amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UV-TIAMO-M Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  UV-TIAMO-M Datasheet HTML 1Page - Roithner LaserTechnik GmbH UV-TIAMO-M Datasheet HTML 2Page - Roithner LaserTechnik GmbH UV-TIAMO-M Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Performance Characteristics
Normalized Spectral Responsivity [a.u.]
Viewing Angle
Product Portfolio
We offer the following amplified UV photodetectors:
Option
Approx. min
irradiance
Approx. max
irradiance
(Vsupply = 5V)
UV-TIAMO-BL
1.8 pW/cm
2
18 nW/cm
2
UV-TIAMO
1.8 nW/cm
2
18 µW/cm
2
UV-TIAMO-S
1.8 µW/cm
2
18 mW/cm
2
UV-TIAMO-M
18 µW/cm
2
180 mW/cm
2
UV photodiodes without amplifier and different spectral
sensitivities are available.
Falls benötigt…
Falls benötigt…


Similar Part No. - UV-TIAMO-M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
More results

Similar Description - UV-TIAMO-M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com