Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP10H400SK3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP10H400SK3
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP10H400SK3 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP10H400SK3_15 Datasheet HTML 1Page - Diodes Incorporated DMP10H400SK3_15 Datasheet HTML 2Page - Diodes Incorporated DMP10H400SK3_15 Datasheet HTML 3Page - Diodes Incorporated DMP10H400SK3_15 Datasheet HTML 4Page - Diodes Incorporated DMP10H400SK3_15 Datasheet HTML 5Page - Diodes Incorporated DMP10H400SK3_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP10H400SK3
Document number: DS35932 Rev. 5 - 2
1 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP10H400SK3
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID
TC = +25°C
-100V
240m
Ω @ VGS = -10V
-9A
300m
Ω @ VGS = -4.5V
-8A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(on)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Analog Switch
Features
Low On-Resistance
Low Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMP10H400SK3-13
Standard
TO252
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Internal Schematic
G
S
D
D
Top View
Pin Out
Top View
TO252
YYWW
P400SK
.
= Manufacturer’s Marking
P400SK = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)


Similar Part No. - DMP10H400SK3_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3-13 DIODES-DMP10H400SK3-13 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP10H400SK3_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
   100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com