Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1018UCB9 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP1018UCB9
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1018UCB9 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP1018UCB9_15 Datasheet HTML 1Page - Diodes Incorporated DMP1018UCB9_15 Datasheet HTML 2Page - Diodes Incorporated DMP1018UCB9_15 Datasheet HTML 3Page - Diodes Incorporated DMP1018UCB9_15 Datasheet HTML 4Page - Diodes Incorporated DMP1018UCB9_15 Datasheet HTML 5Page - Diodes Incorporated DMP1018UCB9_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP1018UCB9
Document number: DS36149 Rev. 3 - 2
4 of 6
www.diodes.com
November 2014
© Diodes Incorporated
DMP1018UCB9
0.2
0.4
0.6
0.8
1.2
1.4
1.0
0
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
T= 25 C
A
10,000
0
246
8
10
12
1,000
100
10
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
12
3
4
56
100
10
1
0.1
0.01
-V , GATE-SOURCE VOLTAGE (V)
Figure 10 Typical Gate-Source Leakage Current vs. Voltage
GS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
1
2
3
4
5
6
0
1
23
45
6
7
8
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
V= -6V
I= -2A
DS
D
0.01
0.1
1
10
100
0.1
1
10
100
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS


Similar Part No. - DMP1018UCB9_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1018UCB9-7 DIODES-DMP1018UCB9-7 Datasheet
337Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMP1018UCB9_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com