Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0002TR
Description  Low Noise Amplifier 1.575 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0002TR Datasheet HTML 1Page - Tyco Electronics AM50-0002TR Datasheet HTML 2Page - Tyco Electronics AM50-0002TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V 2.00
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Channel Temperature2
+150°C
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
1. Operation of this device outside these limits may cause
permanent damage.
2. Typical thermal resistance ( jc) = +165°C/W
Low Noise Amplifier
AM50-0002
Typical Performance
Functional Diagram
RF OUT, VDD
GND
GND
GND
GND
GND
GND
RF IN
T1
T2
FREQUENCY (GHz)
FREQUENCY (GHz)
GAIN vs FREQUENCY, TA = +25°C
NOISE FIGURE vs FREQUENCY, TA = +25°C
Recommended PCB Configuration
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2
36.0°
T2
82.7
16.2°
3. Pins 1, 3, 4, 5, 7 and 8 must be RF and DC grounded as shown.
4. Pin 2 is the RF input and must be connected to the simple matching
network shown.
5. Pin 6 is the RF output. VDD is also applied on pin 6.
0.030
(0.76)
2X R 0.025 (0.64)
PLATED THRU
12 X R 0.008 (0.20)
PLATED THRU
0.024
(0.61)
0.060
(1.52)
0.109
(2.77)
0.060
(1.52)
0.172
(4.37)
0.244
(6.20)
0.072
(1.83)
0.112
(2.84) 0.245
(6.22)
RF IN
RF OUT
Dimensions in inches (mm)
FR-4 circuit board, thickness = 0.016 inches (0.41)
28
26
24
22
20
1.3
1.4
1.5
1.6
1.7
1.8
5 V
3 V
1.4
1.3
1.2
1.1
1.0
1.50
1.52
1.54
1.56
1.58
1.60
3 V
5 V


Similar Part No. - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002TR MACOM-AM50-0002TR Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR MACOM-AM50-0002TR Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com