Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622ECTFP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 184 page
background image
11
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Memory
Operation of Functional Blocks
The M16C/62T group accommodates certain units in a single chip. These units include ROM and RAM to
store instructions and data and the central processing unit (CPU) to execute arithmetic/logic operations.
Also included are peripheral units such as timers, serial I/O, D-A converter, DMAC, CRC calculation circuit,
A-D converter, and I/O ports.
The following explains each unit.
Memory
Figure 1.4.1 is a memory map of the M16C/62T group. The address space extends the 1M bytes from
address 0000016 to FFFFF16.
Internal ROM is located as the following, in M30623M4T-XXXGP from address F800016 to FFFFF16 (32K
bytes), in M30622M8T/M8V-XXXFP and M30623M8T/M8V-XXXGP from address F000016 to FFFFF16
(64K bytes), in M30622MCT/MCV-XXXFP and M30623MCT/MCV-XXXGP from address E000016 to
FFFFF16 (128K bytes).
_______
The vector table for fixed interrupts such as the reset and NMI are mapped to FFFDC16 to FFFFF16. The
starting address of the interrupt routine is stored here. The address of the vector table for timer interrupts,
etc., can be set as desired using the internal register (INTB). See the section on interrupts for details.
Internal RAM is located as the following, in M30623M4T-XXXGP from address 0040016 to 00FFF16 (3K
bytes), in M30622M8T/M8V-XXXFP and M30623M8T/M8V-XXXGP from address 0040016 to 013FF16 (4K
bytes), in M30622MCT/MCV-XXXFP and M30623MCT/MCV-XXXGP from address 0040016 to 017FF16
(5K bytes). In addition to storing data, the RAM also stores the stack used when calling subroutines and
when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for
peripheral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Figures 1.7.1 to 1.7.3 are
location of peripheral unit control registers. Any part of the SFR area that is not occupied is reserved and
cannot be used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
In memory expansion mode and microprocessor mode, a part of the spaces are reserved and cannot be
used. For example, in the M30623MCT/MCV-XXXGP, the following spaces cannot be used.
• The space between 0100016 and 03FFF16 (Memory expansion and microprocessor modes)
• The space between D000016 and D7FFF16 (Memory expansion mode)
But the M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes.
Figure 1.4.1. Memory map
SFR area
For details, see Figures
1.7.1 to 1.7.3
Internal RAM area
External area
Internal RAM area
Reset
Watchdog timer
Single step
Address match
BRK instruction
Overflow
Undefined instruction
Special page
vector table
0000016
0040016
0400016
FFFFF16
FFFDC16
FFE0016
DBC
NMI
FFFFF16
XXXXX16
YYYYY16
D000016
Type No.
XXXXX16 YYYYY16
M30623M4T-XXXGP
M30622M8T/M8V-XXXFP
M30623M8T/M8V-XXXGP
M30622MCT/MCV-XXXFP
M30623MCT/MCV-XXXGP
00FFF16
F800016
013FF16
F000016
017FF16
E000016
Internal reserved area
(Note 1)
Internal reserved area
(Note 1)
Note 1. In memory expansion and microprocessor modes,
can not be used.
Note 2. In memory expansion mode, can not be used.
Note 3. The M16C/62T group is not guaranteed to operate
in memory expansion and microprocessor modes.


Similar Part No. - M30622ECTFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622EC-XXXFP RENESAS-M30622EC-XXXFP Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622EC-XXXFS RENESAS-M30622EC-XXXFS Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622EC-XXXGP RENESAS-M30622EC-XXXGP Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
More results

Similar Description - M30622ECTFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com