Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG174TA-E3 Datasheet(PDF) 4 Page - NEC

Part # UPG174TA-E3
Description  L-BAND PA DRIVER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG174TA-E3 Datasheet(HTML) 4 Page - NEC

  UPG174TA-E3 Datasheet HTML 1Page - NEC UPG174TA-E3 Datasheet HTML 2Page - NEC UPG174TA-E3 Datasheet HTML 3Page - NEC UPG174TA-E3 Datasheet HTML 4Page - NEC UPG174TA-E3 Datasheet HTML 5Page - NEC UPG174TA-E3 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet P13230EJ2V0DS00
4
µµµµPG174TA
EVALUATION BOARD (Epoxy Glass,
εεεε = 4.6, 0.4 mm thickness)
VDD1
OUT
VDD2
IN
38 mm
40 mm
VDD1
OUT
VDD2
L1
L2
R1
C1
C2
C3
IN


Similar Part No. - UPG174TA-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG174TA-E3 RENESAS-UPG174TA-E3 Datasheet
206Kb / 14P
   GaAs INTEGRATED CIRCUIT
2000
More results

Similar Description - UPG174TA-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2106TB NEC-UPG2106TB Datasheet
87Kb / 12P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG175TA NEC-UPG175TA Datasheet
62Kb / 8P
   L-Band PA DRIVER AMPLIFIER
UPG2134TB NEC-UPG2134TB Datasheet
58Kb / 9P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2110TB CEL-UPG2110TB Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG173TA NEC-UPG173TA_00 Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHZ015A-QEG UMS-CHZ015A-QEG Datasheet
1Mb / 14P
   15W L-Band Driver
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
CAMH9126 DAICO-CAMH9126 Datasheet
69Kb / 1P
   L-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com