Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG174TA-E3 Datasheet(PDF) 2 Page - NEC

Part # UPG174TA-E3
Description  L-BAND PA DRIVER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG174TA-E3 Datasheet(HTML) 2 Page - NEC

  UPG174TA-E3 Datasheet HTML 1Page - NEC UPG174TA-E3 Datasheet HTML 2Page - NEC UPG174TA-E3 Datasheet HTML 3Page - NEC UPG174TA-E3 Datasheet HTML 4Page - NEC UPG174TA-E3 Datasheet HTML 5Page - NEC UPG174TA-E3 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet P13230EJ2V0DS00
2
µµµµPG174TA
PIN CONNECTION AND INTERNAL BLOCK DIAGRAM
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
3
2
1
4
5
6
RECOMMENDED OPERATING CONDITIONS (TA = +25°C)
Parameters
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage 1, 2
VDD1, 2
+2.7
+2.8
+3.0
V
Input Power
Pin
–22
–20
dBm
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA
= +25°C, VDD1 = VDD2 = +2.8 V,
ππππ/4DQPSK modulated signal input,
off-chip input and output matching)
Parameters
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
1 429
1 453
MHz
Power Gain
GP
Pin = –22 dBm
32.0
34.0
dB
Total Current
IDD
Pin = –22 dBm
35
40
mA
Adjacent Channel Power Leakage 1
Padj1
Pout = +10 dBm,
∆f = ±50 kHz
–60
–55
dBc
Adjacent Channel Power Leakage 2
Padj2
Pout = +10 dBm,
∆f = ±100 kHz
–65
–60
dBc
REFERENCE CHARACTERISTICS
(Unless otherwise specified, TA
= +25°C, VDD1 = VDD2 = +2.8 V, f = 1 429 to 1 453 MHz,
off-chip input and output matching)
Parameters
Symbol
MIN.
TYP.
MAX.
Unit
Input Return Loss
RLin
–10–
dB
Output Return Loss
RLout
–10–
dB
Pin No.
Connection
1GND
2GND
3IN
4VDD1
5GND
6VDD2 & OUT


Similar Part No. - UPG174TA-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG174TA-E3 RENESAS-UPG174TA-E3 Datasheet
206Kb / 14P
   GaAs INTEGRATED CIRCUIT
2000
More results

Similar Description - UPG174TA-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2106TB NEC-UPG2106TB Datasheet
87Kb / 12P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG175TA NEC-UPG175TA Datasheet
62Kb / 8P
   L-Band PA DRIVER AMPLIFIER
UPG2134TB NEC-UPG2134TB Datasheet
58Kb / 9P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2110TB CEL-UPG2110TB Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG173TA NEC-UPG173TA_00 Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHZ015A-QEG UMS-CHZ015A-QEG Datasheet
1Mb / 14P
   15W L-Band Driver
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
CAMH9126 DAICO-CAMH9126 Datasheet
69Kb / 1P
   L-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com