Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2006UFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2006UFG
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2006UFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2006UFG_15 Datasheet HTML 1Page - Diodes Incorporated DMP2006UFG_15 Datasheet HTML 2Page - Diodes Incorporated DMP2006UFG_15 Datasheet HTML 3Page - Diodes Incorporated DMP2006UFG_15 Datasheet HTML 4Page - Diodes Incorporated DMP2006UFG_15 Datasheet HTML 5Page - Diodes Incorporated DMP2006UFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP2006UFG
Document number: DS36802 Rev. 4 - 2
4 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DMP2006UFG
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= -4.5V
I =
A
GS
D
-15
V
=
5V
I =
A
GS
D
-42.
-10
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
-I = 1mA
D
-I = 250µA
D
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
100
1000
10000
100000
0
2
4
6
8
10
12
14
16
18
20
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
Coss
Crss
f = 1MHz
Ciss
0
2
4
6
8
10
0
30
60
90
120
150
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
V
= -10V
I = -20A
DS
D
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
T = 25°C
J(max)
A
V
= 4.5V
Single Pulse
GS
DUT on 1 * MRP Board
P
= 10s
W


Similar Part No. - DMP2006UFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2006UFG-13 DIODES-DMP2006UFG-13 Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMP2006UFG-13 DIODES-DMP2006UFG-13 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2006UFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG_15 Datasheet
437Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2007UFG DIODES-DMP2007UFG_15 Datasheet
288Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2002UPS DIODES-DMP2002UPS_15 Datasheet
648Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2008UFG DIODES-DMP2008UFG_15 Datasheet
261Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN2005UFG DIODES-DMN2005UFG_15 Datasheet
344Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3010LPSQ DIODES-DMP3010LPSQ_15 Datasheet
403Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPS DIODES-DMP4015SPS_15 Datasheet
379Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com