Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2023UFDF-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP2023UFDF-7
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2023UFDF-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP2023UFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMP2023UFDF
Datasheet number: DS37249 Rev. 4 - 2
5 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP2023UFDF
t1, PULSE DURATION TIMES (sec)
Figure 14 Transient Thermal Resistance
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
R
(t) = r(t) * R
thja
thja
R
= 184°C/W
thja
Duty Cycle, D = t1/ t2
Single Pulse
D = 0.005
D = 0.9
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 13 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
R DS(on)
Limited
T
= 150°C
J(m ax)
T = 25°C
A
V
= 4.5V
GS
Single Pulse
DUT on 1 * MRP Board


Similar Part No. - DMP2023UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2023UFDF-7 DIODES-DMP2023UFDF-7 Datasheet
390Kb / 7P
   Low Gate Threshold Voltage
More results

Similar Description - DMP2023UFDF-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com