Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0015SMB Datasheet(PDF) 6 Page - Tyco Electronics

Part # AM50-0015SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0015SMB Datasheet(HTML) 6 Page - Tyco Electronics

  AM50-0015SMB Datasheet HTML 1Page - Tyco Electronics AM50-0015SMB Datasheet HTML 2Page - Tyco Electronics AM50-0015SMB Datasheet HTML 3Page - Tyco Electronics AM50-0015SMB Datasheet HTML 4Page - Tyco Electronics AM50-0015SMB Datasheet HTML 5Page - Tyco Electronics AM50-0015SMB Datasheet HTML 6Page - Tyco Electronics AM50-0015SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
6
Miniature Broadband Gain Stage, 200 - 3000 MHz
AM50-0015
Typical S-Parameter Data: 3.0 Volts @ 80 mA
Frequency
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
400.000
0.2217
-37.17
6.1208
156.01
0.0596
9.08
0.2571
164.78
504.000
0.2185
-43.03
6.0097
151.06
0.0597
10.32
0.2524
159.65
608.000
0.2189
-49.53
5.8826
146.15
0.0599
11.96
0.2431
155.35
660.000
0.2183
-52.47
5.8120
143.58
0.0596
12.71
0.2372
153.28
764.000
0.2183
-58.45
5.6770
138.56
0.0599
14.81
0.2268
148.96
868.000
0.2178
-64.74
5.5235
134.02
0.0601
15.52
0.2168
145.11
972.000
0.2161
-70.43
5.3531
129.36
0.0607
19.05
0.2055
140.83
1076.000
0.2177
-76.18
5.2169
124.85
0.0615
21.45
0.1943
137.52
1180.000
0.2191
-81.63
5.0515
120.50
0.0620
23.71
0.1824
134.49
1284.000
0.2185
-86.99
4.8849
116.49
0.0640
25.82
0.1744
131.16
1388.000
0.2204
-91.89
4.7566
112.46
0.0655
28.30
0.1639
128.64
1492.000
0.2210
-96.64
4.6199
108.70
0.0668
30.25
0.1544
126.24
1596.000
0.2220
-100.87
4.4673
105.01
0.0693
32.29
0.1454
123.52
1700.000
0.2245
-105.37
4.3237
101.54
0.0715
34.45
0.1359
122.59
1804.000
0.2256
-109.44
4.2047
97.80
0.0743
36.49
0.1270
120.97
1908.000
0.2278
-112.96
4.0709
94.80
0.0774
37.77
0.1168
120.42
2012.000
0.2290
-116.96
3.9559
91.34
0.0802
39.16
0.1115
119.03
2116.000
0.2326
-120.45
3.8444
88.15
0.0833
40.17
0.1029
119.85
2220.000
0.2335
-123.50
3.7348
85.21
0.0866
41.50
0.0957
119.48
2324.000
0.2361
-127.10
3.6417
81.97
0.0907
42.69
0.0901
119.40
2428.000
0.2367
-130.26
3.5391
79.23
0.0941
43.36
0.0860
121.05
2532.000
0.2393
-133.86
3.4526
76.49
0.0979
44.38
0.0831
123.09
2636.000
0.2413
-136.65
3.3595
73.97
0.1027
44.76
0.0799
125.91
2740.000
0.2447
-139.31
3.2545
71.32
0.1065
45.55
0.0767
129.77
2844.000
0.2492
-142.46
3.1890
68.28
0.1107
46.22
0.0770
133.95
2948.000
0.2503
-144.99
3.1108
66.04
0.1155
46.29
0.0758
138.83
3000.000
0.2544
-146.53
3.0716
64.61
0.1177
46.58
0.0774
142.74


Similar Part No. - AM50-0015SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011 MACOM-AM50-0011 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
   High Dynamic Range LNA
More results

Similar Description - AM50-0015SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com