Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2038USS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2038USS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2038USS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2038USS_15 Datasheet HTML 1Page - Diodes Incorporated DMP2038USS_15 Datasheet HTML 2Page - Diodes Incorporated DMP2038USS_15 Datasheet HTML 3Page - Diodes Incorporated DMP2038USS_15 Datasheet HTML 4Page - Diodes Incorporated DMP2038USS_15 Datasheet HTML 5Page - Diodes Incorporated DMP2038USS_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2038USS
Document number: DS36919 Rev. 2 - 2
3 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP2038USS
-V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0
5
10
15
20
0
0.5
1
1.5 2
2.5 3
3.5 4
4.5 5
V
= -1.2V
GS
V
= -1.5V
GS
V
= -1.8V
GS
V
= -4.5V
GS
V
= -2.0V
GS
V
= -3.5V
GS
V
= -3.0V
GS
V
= -2.5V
GS
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
0
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V= -5.0V
DS
0.5
1
1.5
2
2.5
3
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.02
0.04
0.06
0.08
V
= -4.5V
GS
V
= -1.8V
GS
V
= -2.5V
GS
-I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V= -10V
GS
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
V
= -10V
I = -10A
GS
D
V
= -4.5V
I = -5A
GS
D
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
-50
-25
0
25
50
75
100
125 150
V= -10V
I=
A
GS
D
-10
V=
5V
I=
A
GS
D
-4.
-5


Similar Part No. - DMP2038USS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2038USS-13 DIODES-DMP2038USS-13 Datasheet
294Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2038USS-13 DIODES-DMP2038USS-13 Datasheet
568Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2038USS DIODES-DMP2038USS_17 Datasheet
568Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2038USS_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com