Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0016 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM55-0016
Description  Switched Low Noise Amplifier 800 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0016 Datasheet(HTML) 3 Page - Tyco Electronics

  AM55-0016 Datasheet HTML 1Page - Tyco Electronics AM55-0016 Datasheet HTML 2Page - Tyco Electronics AM55-0016 Datasheet HTML 3Page - Tyco Electronics AM55-0016 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V2.00
Switched Low Noise Amplifier, 800-1000 MHz
AM55-0016
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
12
13
14
15
16
17
18
19
800
850
900
950
1000
Frequency (MHz)
10mA
20mA
30mA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
800
850
900
950
1000
Frequency (MHz)
10mA
20mA
30mA
Typical Performance Data
Test Conditions: T
A = +25°C, Z0 = 50Ω, VDD = 2.7V, IDD = 10mA unless otherwise specified.
-3
-2
-1
0
1
2
3
4
5
6
7
800
850
900
950
1000
Frequency (MHz)
10mA
15mA
20mA
25mA
-2
0
2
4
6
8
10
10
12
14
16
18
20
22
24
26
28
30
Current (mA)
2.7V
3.2V
3.6V
4.0V
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
800
850
900
950
1000
Frequency (MHz)
20
21
22
23
24
25
26
27
28
29
30
10
11
12
13
14
15
16
17
18
-26
-24
-22
-20
-18
-16
-14
-12
-10
Input Power (dBm)
-10
-8
-6
-4
-2
0
2
4
6
HIGH GAIN MODE: Input IP3 vs. Current
HIGH GAIN MODE: IIP3 vs. Current and Voltage
LOW GAIN MODE:
Insertion Loss and Input IP3
HIGH GAIN MODE:
Gain and Output Power vs. Input Power
HIGH GAIN MODE: Gain versus Current
HIGH GAIN MODE: Noise Figure versus Current
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
800
850
900
950
1000
Frequency (MHz)
Low Gain
High Gain
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
800
850
900
950
1000
Frequency (MHz)
INPUT RETURN LOSS
OUTPUT RETURN LOSS
Low Gain
High Gain


Similar Part No. - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM55-0016SMB MACOM-AM55-0016SMB Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016SMB MA-COM-AM55-0016SMB Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM55-0016TR MACOM-AM55-0016TR Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - AM55-0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
List of Unclassifed Man...
SGL-0163 ETC-SGL-0163 Datasheet
211Kb / 6P
   800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com