Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0023 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM55-0023
Description  Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0023 Datasheet(HTML) 1 Page - Tyco Electronics

  AM55-0023 Datasheet HTML 1Page - Tyco Electronics AM55-0023 Datasheet HTML 2Page - Tyco Electronics AM55-0023 Datasheet HTML 3Page - Tyco Electronics AM55-0023 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
VCTL2
VCTL1
RF Out
RF In
Ordering Information
Part Number
Package
AM55-0023
FQFP-N 5.0 mm Plastic Package
AM55-0023TR
Forward Tape and Reel
1
AM55-0023RTR
Reverse Tape and Reel
1
AM55-0023SMB
Sample Board
1.
If specific reel size is required, consult factory for part number
assignment.
Features
• Highly Integrated Variable Voltage Gain Control Amplifier
• Operates with 3.0 V to 5 V Supply Voltage
• Greater than 40 dB dynamic range
• High Output P
1dB: +17 dBm @ 3 V, 19 dBm @ 5V
• Low Cost 5 mm FQFP-N Package
Description
M/A-COM’s AM55-0023 is a high performance, voltage
controlled, variable gain amplifier. It has been designed for use
in a broad range of applications including cellular base stations
and mobile radio where AGC is required to increase system
dynamic range.
The gain control operates best in the 900 MHz range and also
has useable gain to 2.5 GHz. DC current is low at 160 mA at
3V bias and 200 mA at 5V bias. The package is a low cost
MLF.
The AM55-0023 is fabricated using M/A-COM’s 0.5 micron
low noise GaAs MESFET process. The process features full
passivation for performance and reliability.
AM55-0023
Variable Voltage Gain Control Amplifier
0.8 - 2.0 GHz
1
Electrical Specifications TA = +25° C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
Frequency = 0.9 GHz
dB
23
25
Frequency = 2.0 GHz
dB
10
12
Attenuation Range
Frequency = 0.9 GHz
dB
40
44
Frequency = 2.0 GHz
dB
37
41
I/P Return Loss
Frequency = 0.9 GHz
dB
14
17
Frequency = 2.0 GHz
dB
7
10
O/P Return Loss
Frequency = 0.9 GHz
dB
11
14
Frequency = 2.0 GHz
dB
10
13
Noise Figure (min attn)
Frequency = 0.9 GHz
dB
9
12
P1dB
Max P1dB when VDDB1,2,3 at 5 V
dBm
14
18
IMD
VDDB = 5 V
dB
29
32
VDDA = 5 V
dB
25
28
Functional Block Diagram


Similar Part No. - AM55-0023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024RTR MACOM-AM55-0024RTR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR MACOM-AM55-0024TR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

Similar Description - AM55-0023

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
   Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
   10.0 - 13.0 GHz Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com