Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR15U100CTLQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR15U100CTLQ
Description  SUPER BARRIER RECTIFIER 15A SBR짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR15U100CTLQ Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR15U100CTLQ_15 Datasheet HTML 1Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 2Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 3Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 4Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR15U100CTLQ
Document number: DS36130 Rev. 3 - 2
1 of 5
www.diodes.com
February 2014
© Diodes Incorporated
SBR15U100CTLQ
15A SBR
®
SUPER BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF MAX (V)
@+25°C
IR MAX (mA)
@+25°C
100
15
0.8
0.1
Description and Applications
This Super Barrier Rectifier (SBR) diode has been designed to meet
the stringent requirements of Automotive Applications. It is ideally
suited to use as :
Polarity Protection Diode
Re-circulating Diode
Switching Diode
Features and Benefits
100% Avalanche Tested
Patented SBR technology provides a superior avalanche
capability than schottky diodes ensuring more rugged and
reliable end applications
Reduced ultra-low forward voltage drop (VF); better efficiency
and cooler operation
Reduced high temperature reverse leakage; increased
reliability against thermal runaway failure at high temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, “Green” Molding compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: 0.34 grams (approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
SBR15U100CTLQ-13
Automotive
TO252
2500 pieces/reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Green
Top View
Polarity
2
1
3
TO252
SBR15U100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 14 = 2014)
WW = Week (01 - 53)
YYWW AB
15U100CT
SBR
e3


Similar Part No. - SBR15U100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR15U100CTLQ-13 DIODES-SBR15U100CTLQ-13 Datasheet
527Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER
November 2016
More results

Similar Description - SBR15U100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR15U100CTL DIODES-SBR15U100CTL_15 Datasheet
77Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com